Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9136DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9136DB
Description  Multi-Output Power-Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9136DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9136DB Datasheet HTML 1Page - Vishay Siliconix SI9136DB Datasheet HTML 2Page - Vishay Siliconix SI9136DB Datasheet HTML 3Page - Vishay Siliconix SI9136DB Datasheet HTML 4Page - Vishay Siliconix SI9136DB Datasheet HTML 5Page - Vishay Siliconix SI9136DB Datasheet HTML 6Page - Vishay Siliconix SI9136DB Datasheet HTML 7Page - Vishay Siliconix SI9136DB Datasheet HTML 8Page - Vishay Siliconix SI9136DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Si9136
Vishay Siliconix
Document Number: 70818
S-00583—Rev. C, 03-Apr-00
www.vishay.com
S FaxBack 408-970-5600
1
Multi-Output Power-Supply Controller
FEATURES
D Up to 95% Efficiency
D 3% Total Regulation (Each Controller)
D 5.5-V to 30-V Input Voltage Range
D 3.3-V, 5-V, and 12-V Outputs
D 200-kHz Low-Noise Fixed Frequency Operation
D Precision 3.3-V Reference Output
D 30 mA Linear Regulator Output
D High Efficiency Pulse Skipping Mode Operation at
Light Load
D Only Three Inductors RequiredNo Transformer
D LITTLE FOOTR Optimized Output Drivers
D Internal Soft-Start
D Minimal External Control Components
D 28-Pin SSOP Package
DESCRIPTION
The Si9136 is a current-mode PWM and PSM converter
controller, with two synchronous buck converters (3.3 V and
5 V) and a flyback (non-isolated buck-boost) converter (12 V).
Designed for portable devices, it offers a total five power
outputs (three tightly regulated dc/dc converter outputs, a
precision 3.3-V reference and a 5-V LDO output). It requires
minimum external components and is capable of achieving
conversion efficiencies approaching 95%.
The Si9136 is available in a 28-pin SSOP package and
specified to operate over the extended commercial (0
_C to
90
_C) temperature range.
FUNCTIONAL BLOCK DIAGRAM
5-V
Linear
Regulator
3.3-V
Voltage
Reference
3.3-V
SMPS
5-V
SMPS
12-V SMPS
Power-Up Control
VIN
+3.3 V
VL
(5.0 V)
Control
Inputs
VREF
(+3.3 V)
+5 V
+12 V


Similar Part No. - SI9136DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9136DB VISHAY-SI9136DB Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results

Similar Description - SI9136DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
   MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. A, 16-Dec-02
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
   Multi Output Power Supply Regulator
logo
Vishay Siliconix
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
   Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
Rev. B, 13-May-02
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com