Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN04050AAST Datasheet(PDF) 5 Page - Texas Instruments

Part # PTN04050AAST
Description  6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN04050AAST Datasheet(HTML) 5 Page - Texas Instruments

  PTN04050AAST Datasheet HTML 1Page - Texas Instruments PTN04050AAST Datasheet HTML 2Page - Texas Instruments PTN04050AAST Datasheet HTML 3Page - Texas Instruments PTN04050AAST Datasheet HTML 4Page - Texas Instruments PTN04050AAST Datasheet HTML 5Page - Texas Instruments PTN04050AAST Datasheet HTML 6Page - Texas Instruments PTN04050AAST Datasheet HTML 7Page - Texas Instruments PTN04050AAST Datasheet HTML 8Page - Texas Instruments PTN04050AAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (3.3-V INPUT)(1)(2)
0
0.2
0.4
0.6
0.8
1
I
- Output Current - A
O
0
0.4
0.2
0.6
0.8
1.2
1
1.4
1.6
1.8
2
V
= -15 V
O
V
= -12 V
O
V
= -9 V
O
V
= -5 V
O
V
= -3.3 V
O
0
0.2
0.4
0.6
0.8
1
60
65
70
75
80
85
90
I
- Output Current - A
O
V
= -12 V
O
V
= -3.3 V
O
V
= -5 V
O
V
= -9 V
O
V
= -15 V
O
0
0.2
0.4
0.6
0.8
1
10
30
50
70
90
110
130
150
I
- Output Current - A
O
V
= -5 V
O
V
= -9 V
O
V
= -12 V
O
V
= -15 V
O
V
= -3.3 V
O
0
0.2
0.4
0.6
0.8
1
20
30
50
40
60
70
80
90
V
= -3.3 V
O
200 LFM
100 LFM
60 LFM
Nat conv
I
- Output Current - A
O
0
0.2
0.4
0.6
0.8
1
20
30
50
40
60
70
80
90
V
= -5 V
O
I
- Output Current - A
O
200 LFM
100 LFM
60 LFM
Nat conv
0
0.1
0.2
0.3
0.4
0.5
20
30
50
40
60
70
80
90
V
= -12 V
O
I
- Output Current - A
O
200 LFM
100 LFM
60 LFM
Nat conv
0
0.05
0.1
0.15
0.2
0.25 0.3
20
30
50
40
60
70
80
90
V
= -15 V
O
I
- Output Current - A
O
200 LFM
100 LFM
60 LFM
Nat conv
PTN04050A
SLTS250 – SEPTEMBER 2005
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
TEMPERATURE DERATING
vs
OUTPUT CURRENT
Figure 7.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm, double-sided PCB with 2 oz. copper.
Applies to Figure 4, Figure 5, Figure 6, and Figure 7.
5


Similar Part No. - PTN04050AAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
More results

Similar Description - PTN04050AAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTH03000WAD TI-PTH03000WAD Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com