Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN04050AAS Datasheet(PDF) 11 Page - Texas Instruments

Part # PTN04050AAS
Description  6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN04050AAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTN04050AAS Datasheet HTML 7Page - Texas Instruments PTN04050AAS Datasheet HTML 8Page - Texas Instruments PTN04050AAS Datasheet HTML 9Page - Texas Instruments PTN04050AAS Datasheet HTML 10Page - Texas Instruments PTN04050AAS Datasheet HTML 11Page - Texas Instruments PTN04050AAS Datasheet HTML 12Page - Texas Instruments PTN04050AAS Datasheet HTML 13Page - Texas Instruments PTN04050AAS Datasheet HTML 14Page - Texas Instruments PTN04050AAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
Power-Up Characteristics
t - Time = 40 ms/div
V
(5 V/Div)
O
I (1 A/Div)
I
V (2 V/Div)
I
Undervoltage Lockout
Current Limit Protection
Overtemperature Protection
PTN04050A
SLTS250 – SEPTEMBER 2005
When configured per the standard application, the PTN04050A power module produces a regulated output
voltage following the application of a valid input source voltage. During power up, internal soft-start circuitry slows
the rate that the output voltage rises, thereby limiting the amount of in-rush current that can be drawn from the
input source. The soft-start circuitry introduces a time delay (typically 60 ms) into the power-up characteristic.
This is from the point that a valid input source is recognized. Figure 16 shows the power-up waveforms for a
PTN04050A, operating from a 5-V input and with the output voltage adjusted to –12 V. The waveforms were
measured with a 500-mA resistive load.
Figure 16. Power-Up Waveforms
The undervoltage lockout (UVLO) circuit prevents the module from attempting to power up until the input voltage
is above the UVLO threshold. This prevents the module from drawing excessive current from the input source at
power up. Below the UVLO threshold, the module is held off.
The PTN04050 modules protect against load faults with a continuous current limit characteristic. Under a load
fault condition, the output current cannot exceed the current limit value. Attempting to draw current that exceeds
the current limit value causes the module to progressively reduce its output voltage. Current is continuously
supplied to the fault until it is removed. On removal of the fault, the output voltage promptly recovers. When
limiting output current, the regulator experiences higher power dissipation, which increases its temperature. If the
temperature increase is excessive, the module's overtemperature protection begins to periodically turn the output
voltage completely off.
A thermal shutdown mechanism protects the module's internal circuitry against excessively high temperatures. A
rise in temperature may be the result of a drop in airflow, a high ambient temperature, or a sustained current-limit
condition. If the junction temperature of the internal control IC rises excessively, the module turns itself off,
reducing the output voltage to zero. The module instantly restarts when the sensed temperature decreases by a
few degrees.
Note: Overtemperature protection is a last-resort mechanism to prevent damage to the module. It should not be
relied on as permanent protection against thermal stress. Always operate the module within its temperature
derated limits, for the worst-case operating conditions of output current, ambient temperature, and airflow.
Operating the module above these limits, albeit below the thermal shutdown temperature, reduces the long-term
reliability of the module.
11


Similar Part No. - PTN04050AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
More results

Similar Description - PTN04050AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTN04050C TI-PTN04050C Datasheet
1Mb / 17P
[Old version datasheet]   12 - W, 3.3 / 5 - V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTN04050C TI1-PTN04050C_11 Datasheet
646Kb / 19P
[Old version datasheet]   12-W, 3.3/5-V INPUT, WIDE OUTPUT ADJUSTABLE BOOST CONVERTER
PTH03000WAD TI-PTH03000WAD Datasheet
369Kb / 13P
[Old version datasheet]   Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04040W TI-PTH04040W Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com