Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375B24E48B1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V375B24E48B1
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B24E48B1 Datasheet(HTML) 3 Page - Vicor Corporation

  V375B24E48B1 Datasheet HTML 1Page - Vicor Corporation V375B24E48B1 Datasheet HTML 2Page - Vicor Corporation V375B24E48B1 Datasheet HTML 3Page - Vicor Corporation V375B24E48B1 Datasheet HTML 4Page - Vicor Corporation V375B24E48B1 Datasheet HTML 5Page - Vicor Corporation V375B24E48B1 Datasheet HTML 6Page - Vicor Corporation V375B24E48B1 Datasheet HTML 7Page - Vicor Corporation V375B24E48B1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
ELECTRICAL CHARACTERISTICS, continued
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink ≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 ohms, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
ohms
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to –Out
SC resistance
990
1000
1010
ohms
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Out. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage (in to out)
3000
Vrms
Complies with reinforced insulation requirements
Isolation voltage (in to base)
1550
Vrms
Complies with basic insulation requirements
Isolation voltage (out to base)
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
2.1 (60)
2.3(66)
ounces (grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
cULus, TÜV, CE
UL60950, CSA0950, EN60950, IEC60950.
With a fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Note:
Specifications are subject to change without notice.
The latest data sheets for individual models are available on the Vicor website at vicorpower.com.


Similar Part No. - V375B24E48B1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B24E48B1 VICOR-V375B24E48B1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
More results

Similar Description - V375B24E48B1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com