Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26501 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU26501
Description  Multi-Function Digital Audio Decoder
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26501 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU26501 Datasheet HTML 5Page - New Japan Radio NJU26501 Datasheet HTML 6Page - New Japan Radio NJU26501 Datasheet HTML 7Page - New Japan Radio NJU26501 Datasheet HTML 8Page - New Japan Radio NJU26501 Datasheet HTML 9Page - New Japan Radio NJU26501 Datasheet HTML 10Page - New Japan Radio NJU26501 Datasheet HTML 11Page - New Japan Radio NJU26501 Datasheet HTML 12Page - New Japan Radio NJU26501 Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
NJU26501
- 9 -
Ver.2003-08-29
1.2 Clock
The NJU26501 CLK pin requires the system clock that should be related to the sample frequency fs. The
CLK/CLKOUT pins can generate the system clock by connecting the crystal oscillator or the ceramic resonator.
Refer to the application circuit diagram about the circuit parameters.
When the external oscillator is connected to CLK/CLKOUT pins, check the voltage level of the pins. Because
the maximum input voltage level of CLK pin is deferent from the other input or bi-directional pins. The maximum
voltage-level of CLK pin equals to VDD.
Note: Contact with a manufacture maker about use of a crystal oscillator/ceramic vibrator.
When a crystal oscillator or a ceramic vibrator is used, it connects only required parts of an oscillator.
Do not take out a signal from CLK/CLKOUT.
It becomes the cause of an unusual oscillation and oscillation stop.
When an external clock is used, do not connect other parts to CLKOUT.
When the clock inputted into a CLK terminal is required to be used further externally, fix MCK2ENX
terminal to a Low level, and use the signal outputted from MCK terminal.
When a crystal oscillator is used, choose a crystal oscillator of a basic wave.
CLKOUT
CLK
1KΩ
1MΩ
10pF
24.576
MHz
10pF
Fig.1-6 The example of the oscillator circuit.


Similar Part No. - NJU26501

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26040-07A NJRC-NJU26040-07A Datasheet
192Kb / 10P
   Pulse Input Bipolar Stepper Motor Driver
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
NJU26040-09A NJRC-NJU26040-09A Datasheet
192Kb / 10P
   SRS TruSurround HD/HD4 Decoder
NJU26040-09D NJRC-NJU26040-09D Datasheet
257Kb / 13P
   SRS TruSurround HD/HD4 Decoder
NJU26040-16A NJRC-NJU26040-16A Datasheet
153Kb / 8P
   Digital Signal Processor for 2ch Speaker System
More results

Similar Description - NJU26501

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com