Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1549AAC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1549AAC
Description  1 Form A Phototransistor Telecomswitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1549AAC Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1549AAC Datasheet HTML 1Page - Vishay Siliconix LH1549AAC Datasheet HTML 2Page - Vishay Siliconix LH1549AAC Datasheet HTML 3Page - Vishay Siliconix LH1549AAC Datasheet HTML 4Page - Vishay Siliconix LH1549AAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LH1549AB/ AAC/ AACTR
Document Number 83840
Rev. 1.3, 26-Oct-03
Vishay Semiconductors
www.vishay.com
3
Optocoupler Input
Optocoupler Output
Optocoupler Transfer
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
LED forward voltage
IF = 10 mA
VF
0.9
1.2
1.5
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage
IF = 16 mA, IC = 2.0 mA
VCE(sat)
0.7
0.5
V
Collector-emitter leakage
current
IF = 0 mA, IC = 5.0 mA
ICEO
500
nA
Trickle current leakage
IF = 5.0 µA, IC = 5.0 mA
ICEO
1.0
µA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio
IF = 6.0 mA, VCE = 0.5 V
CTRDC
33
165
%
Figure 1. LED Voltage vs. Temperature
Figure 2. Current Limit vs. Temperature
ilh1549ab_01
Ambient Temperature (°C)
-40
-20
0
20
40
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF =50mA
60
80
IF =10mA
IF = 2.0 mA
IF = 5.0 mA
IF =20mA
ilh1549ab_02
-40
40
10
30
20
0
-20
-10
-40
-30
-20
0
20
40
60
Ambient Temperature (°C)
80
IF = 5.0 mA
t = 5.0 ms
VL = SEE ELEC. CHAR.
Figure 3. LED Current for Switch Turn-on vs. Temperature
ilh1549ab_03
Ambient Temperature (°C)
100
-60
80
60
40
-40
-40
20
-20
0
-20
0
20
40
60
80
IL = 100 mA


Similar Part No. - LH1549AAC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1540 SIEMENS-LH1540 Datasheet
49Kb / 3P
   HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1540 SIEMENS-LH1540 Datasheet
176Kb / 20P
   High Voltage Solid State Relays
logo
List of Unclassifed Man...
LH1540 ETC1-LH1540 Datasheet
148Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
LH1540A ETC1-LH1540A Datasheet
148Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1540AA VISHAY-LH1540AA Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
More results

Similar Description - LH1549AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1539AB VISHAY-LH1539AB Datasheet
381Kb / 5P
   1 Form A Photo Darlington Telecomswitch
Revision 17-August-01
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
List of Unclassifed Man...
HL3-1A-6SH ETC2-HL3-1A-6SH Datasheet
1Mb / 14P
   1 Form A Configuration
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Solid State Optronic
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com