Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC-210-CBF-106A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TC-210-CBF-106A
Description  TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-210-CBF-106A Datasheet(HTML) 1 Page - Vectron International, Inc

  TC-210-CBF-106A Datasheet HTML 1Page - Vectron International, Inc TC-210-CBF-106A Datasheet HTML 2Page - Vectron International, Inc TC-210-CBF-106A Datasheet HTML 3Page - Vectron International, Inc TC-210-CBF-106A Datasheet HTML 4Page - Vectron International, Inc TC-210-CBF-106A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Data Sheet
TC-210 (Z5) Series TCXO’s
Features
Frequency from 0.5 to 160 MHz
Stability as tight as ±0.28 ppm
Aging to <3.5 ppm for ten years
Package: 29.21 x 25.40 x 10.03mm (1.15“x 1.0”x 0.395“)
3.3 Vdc or 5 Vdc operation
All outputs available
(TTL, HCMOS, PECL, SINEWAVE)
Stratum 3 Applications
SONET/SDH Network Timing Sources
DWDM / FDM / ATM
Wireless Communications
VSAT, LMDS, WLL
Vectron International has introduced a series of surface
mount, Temperature Compensated Crystal Oscillators
(TCXO’s) available in frequencies from 0.5 to 160 MHz.
Model Z5 surface mount TCXO’s can be mounted
using the standard convection reflow process. The
units can meet the ±0.37 ppm Holdover requirement of
GR-1244-CORE Table 3-1 f rom 0ºC to +70ºC
temperature range and operate from a 3.3V or 5V
supply. Current drain to lower than 2 mA is available
upon request. Aging <3.5 ppm for ten years. Phase
noise is -115 dBc/Hz at 100 Hz and -155 dBc/Hz at
100k Hz at 10 MHz.
These units are ideal for Stratum 3 applications.
For additional Stratum 3 solutions please visit our
website at:
www.stratum3.com
Temperature Compensated Crystal Oscillators


Similar Part No. - TC-210-CBF-106A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TC-2100-111 HIROSE-TC-2100-111 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-121 HIROSE-TC-2100-121 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
TC-2100-21 HIROSE-TC-2100-21 Datasheet
282Kb / 5P
   PLUG-IN CRIMP CONNECTORS
More results

Similar Description - TC-210-CBF-106A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com