Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60401TFD Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL60401TFD
Description  622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60401TFD Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL60401TFD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60401TFD Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SIDE VIEW
ISOMETRIC VIEW
FRONT VIEW ( 2 : 1 )
BOTTOM VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
1
101512rev 1
17-NOV-03
PD\US
101512
TO-56 Package Outline in SC
Connector housing
TE
Connector housing (PA66, 13% Glass fibre)
Housing (Stainless steel X10CrNiS18-9)
* For details of the component, see separate data sheet and/or package drawing.
NOTES:-
1. All dimensions in mm.
2. General tol. ISO-2768-mK.
8,9
`0,1
6,75
12,2
`0,1
14,7
7,85
`1
11,7
`0,6
n7
n2,501`0,001
A
Component *
n2,3 THRU (2x)
r n0.25 A
*
* Slot side.
Projection


Similar Part No. - ZL60401TFD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60402TBD ZARLINK-ZL60402TBD Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60402TDD ZARLINK-ZL60402TDD Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60402TED ZARLINK-ZL60402TED Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60402TFD ZARLINK-ZL60402TFD Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
More results

Similar Description - ZL60401TFD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
Optoway Technology Inc
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com