Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V7599S-166BCI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70V7599S-166BCI
Description  HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7599S-166BCI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70V7599S-166BCI Datasheet HTML 1Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 2Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 3Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 4Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 5Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 6Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 7Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 8Page - Integrated Device Technology IDT70V7599S-166BCI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©2002 Integrated Device Technology, Inc.
DECEMBER 2002
DSC 5626/4
1
Functional Block Diagram
Features:
x
128K x 36 Synchronous Bank-Switchable Dual-ported
SRAM Architecture
– 64 independent 2K x 36 banks
– 4 megabits of memory on chip
x
Bank access controlled via bank address pins
x
High-speed data access
– Commercial: 3.4ns (200MHz)/3.6ns (166MHz)/
4.2ns (133MHz) (max.)
– Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.)
x
Selectable Pipelined or Flow-Through output mode
x
Counter enable and repeat features
x
Dual chip enables allow for depth expansion without
additional logic
x
Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 200MHz
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
x
Separate byte controls for multiplexed bus and bus
matching compatibility
x
LVTTL- compatible, 3.3V (±150mV) power supply
for core
x
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
x
Industrial temperature range (-40°C to +85°C) is
available at 166MHz and 133MHz
x
Available in a 208-pin Plastic Quad Flatpack (PQFP),
208-pin fine pitch Ball Grid Array (fpBGA), and 256-pin Ball
Grid Array (BGA)
x
Supports JTAG features compliant with IEEE 1149.1
HIGH-SPEED 3.3V 128K x 36
SYNCHRONOUS
BANK-SWITCHABLE
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S
2Kx36
MEMORY
ARRAY
(BANK 63)
MUX
MUX
PL/
FTL
OPTL
CLKL
ADSL
CNTENL
REPEATL
R/
WL
CE0L
CE1L
BE3L
BE2L
BE1L
BE0L
OEL
I/O0L-35L
A10L
A0L
JTAG
2Kx36
MEMORY
ARRAY
(BANK 1)
MUX
MUX
2Kx36
MEMORY
ARRAY
(BANK 0)
MUX
MUX
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
I/O0R-35R
A10R
A0R
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
5626 drw 01
BA5R
BA4R
BA3R
BA2R
BA1R
BA0R
BA5L
BA4L
BA3L
BA2L
BA1L
BA0L
,
PL/
FTR
OPTR
CLKR
ADSR
CNTENR
REPEATR
R/
WR
CE0R
CE1R
BE3R
BE2R
BE1R
BE0R
OER
TMS
TCK
TRST
TDI
TDO
NOTE:
1. The Bank-Switchable dual-port uses a true SRAM
core instead of the traditional dual-port SRAM core.
As a result, it has unique operating characteristics.
Please refer to the functional description on page 19
for details.


Similar Part No. - IDT70V7599S-166BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V7599S-166BCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com