Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16704 Datasheet(PDF) 3 Page - NEC

Part # UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16704 Datasheet(HTML) 3 Page - NEC

  UPD16704 Datasheet HTML 1Page - NEC UPD16704 Datasheet HTML 2Page - NEC UPD16704 Datasheet HTML 3Page - NEC UPD16704 Datasheet HTML 4Page - NEC UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet S15809EJ1V0DS
3
µµµµ PD16704
2. PIN CONFIGURATION (IC Pad Surface)
Chip Size: 1.06 x 15.39 mm
2
Remark This figure does not specify the TCP package.
Dummy
Dummy
VDD2 VDD2 VDD2
Alignment Mark
Dummy
TEST1
O1
TEST1
O2
VEE2
VEE2
VEE2
VEE2
VEE1
VEE1
VEE1
VEE1
Dummy
VDD1
VDD1
VDD1
VDD1
DS
DS
R/L
R/L
STV
STV
CLK
CLK
Dummy
Dummy
OE
OE
DSO E
DSO E
VSS
VSS
VSS
VSS
VCC
VCC
VCCC
VCCC
Dummy
VEE1
VEE1
VEE1
VEE1
VEE2
VEE2
VEE2
O239
VEE2
O240
TEST2
Dummy
TEST2
Alignment Mark
Dummy
Dummy
VDD2 VDD2 VDD2
0
X(+)
Y(+)
• Bump size
: 40 x 80
µm2
: 110 x 60
µm2
• Alignment
: 50 x 50
µm2
Alignment Mark Coordinate (Unit: mm):
(7570, 405) , (
−7570, 405)


Similar Part No. - UPD16704

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16704 RENESAS-UPD16704 Datasheet
214Kb / 16P
   MOS INTEGRATED CIRCUIT
2001
UPD16704P RENESAS-UPD16704P Datasheet
214Kb / 16P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16704

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
   240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
   300-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com