Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HS6-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6700HS6-1
Description  Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HS6-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6700HS6-1 Datasheet HTML 4Page - Linear Technology LT6700HS6-1 Datasheet HTML 5Page - Linear Technology LT6700HS6-1 Datasheet HTML 6Page - Linear Technology LT6700HS6-1 Datasheet HTML 7Page - Linear Technology LT6700HS6-1 Datasheet HTML 8Page - Linear Technology LT6700HS6-1 Datasheet HTML 9Page - Linear Technology LT6700HS6-1 Datasheet HTML 10Page - Linear Technology LT6700HS6-1 Datasheet HTML 11Page - Linear Technology LT6700HS6-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT6700-1/LT6700-2/LT6700-3
10
6700123fb
To create window functions optimized for detecting
entry
into a window (i.e. where the output is to indicate a
“coming into spec” condition, as with the examples in
Figure 1), the nominal resistor values are selected as
follows:
R1
≤ 400k (this sets the divider current >> IB of inputs)
R2 = R1 • (1.02 • VH/VL – 1)
R3 = R1 • (2.54 • VH – 1.02 • VH/VL)
The worst-case variance of the trip-points is related to the
specified threshold limits of the LT6700 device and the
basic tolerance of divider resistors used. For resistor
tolerance RTOL (e.g. 0.01 for 1%), the worst-case trip-
point voltage (either VH or VL) deviations can be predicted
as follows (italicized values are taken from the datasheet,
expressed in volts):
Max dev VTRIP↑ = ±VTRIPnom • {2 • RTOL • [(VTRIPnom – 0.4)
/ VTRIPnom] + 1.25 • (VTH(R)max – VTH(R)min)}
Max dev VTRIP↓ = ±VTRIPnom • {2 • RTOL • [(VTRIPnom – 0.39)
/ VTRIPnom] + 1.27 • (VTH(F)max – VTH(F)min)}
Generating an External Reference Signal
In some applications, it would be advantageous to have
access to a signal that is directly related to the internal
400mV reference, even though the reference itself is not
available externally. This can be accomplished to a reason-
able degree by using an inverting comparator section as a
“bang-bang” servo, establishing a nominal voltage, on an
integration capacitor, that is scaled to the reference. This
method is used in Figure 2, where the reference level has
APPLICATIO S I FOR ATIO
Figure 1. Simple Window Comparator
been doubled to drive a resistor bridge. The section B
output cycles on and off to swing the section B input
between its hysteresis trip points as the load capacitor
charges and discharges in a shallow, controlled fashion.
The multiplied reference signal also contains ripple that is
the hysteresis multiplied by the same factor, so additional
filtering is performed at the sense node of the bridge to
prevent comparator chatter in the section A comparator,
which is performing the actual conditional decision for the
circuit.
Instrumentation Grade Pulse Width Modulator (PWM)
Comparators with hysteresis are frequently employed to
make simple oscillator structures, and the LT6700 lends
itself nicely to forming a charge-balancing PWM function.
The circuit shown in Figure 3 forms a PWM that is intended
to transmit an isolated representation of a voltage differ-
LT6700-1
VS
GND
1
5
R3
301k
R2
6.04k
33k
+INA
–INB OUTB
OUTA
VOUT
VS
VL
VH
3.3V
3.3V Supply Monitor
5V Supply Monitor
R1
40.2k
2
6
0.1
µF
VOUT
HIGH = (3.1V < VS < 3.5V)
HYSTERESIS ZONES
APPROXIMATELY
2% OF TRIP VOLTAGE
3
4
LT6700-1
VS
GND
1
5
487k
6.04k
33k
+INA
–INB OUTB
OUTA
5V
40.2k
2
6
0.1
µF
VOUT
HIGH = (4.7V < VS < 5.3V)
3
4
6700123 F01
LT6700-1
VS
10k
GND
1
5
+INA
–INB OUTB
OUTA
2
6
3
4
499k
RTH
T
RTH = 1M (e.g., YSI 44015, 1.00MΩ AT 25°C)
RSET = RTH AT TSET
*RESISTANCE MAY REQUIRE OPTIMIZATION FOR OPERATION
OVER INTENDED RTH AND VSUPPLY RANGES
HYSTERESIS ZONE
≈0.4°C
RSET
2 • VREF
499k
220k
220k*
3.3
µF
3.3
µF
1.4V TO 18V
(IS ≈ 10µA)
0.1
µF
T < TSET
6700123 F02
Figure 2. Micropower Thermostat/Temperature Alarm


Similar Part No. - LT6700HS6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HS6-1 LINER-LT6700HS6-1 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HS6-1-TRMPBF LINER-LT6700HS6-1-TRMPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HS6-1-TRMPBF LINER-LT6700HS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HS6-1-TRPBF LINER-LT6700HS6-1-TRPBF Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HS6-1-TRPBF LINER-LT6700HS6-1-TRPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HS6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com