Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW172F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYW172F
Description  Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW172F Datasheet(HTML) 2 Page - Vishay Siliconix

  BYW172F Datasheet HTML 1Page - Vishay Siliconix BYW172F Datasheet HTML 2Page - Vishay Siliconix BYW172F Datasheet HTML 3Page - Vishay Siliconix BYW172F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 86096
Rev. 1.2, 12-Aug-04
VISHAY
BYW172D / 172F / 172G
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 3 A
VF
1.1
V
IF = 9 A
VF
1.5
V
Reverse current
VR = VRRM
IR
1
µA
VR = VRRM, Tj = 100 °C
IR
20
µA
Reverse recovery time
IF = 0.5 A, IR = 1 A , iR = 0.25 A
trr
75
100
ns
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 2. Forward Current vs. Forward Voltage
0
10
20
30
40
94 9466
ll
TL= constant
0
l - Lead Length ( mm )
510
15
25
30
20
0.001
0.01
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
VF - Forward Voltage(V)
16387
Tj =25° C
Tj = 175 °C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
16388
0
20 40 60 80 100 120 140 160 180
Tamb - Ambient Temperature (
°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VR =VRRM
half sinewave
RthJA= 25 K/W
l=10mm
RthJA= 70 K/W
PCB:d=25mm
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (
°C)
16389
VR =VRRM


Similar Part No. - BYW172F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW172F VISHAY-BYW172F Datasheet
105Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.3, 30-Jul-10
BYW172F VISHAY-BYW172F Datasheet
126Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYW172F VISHAY-BYW172F Datasheet
134Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BYW172F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com