Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V300B12E375BN2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V300B12E375BN2
Description  FasTrak Mini E-Grade Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300B12E375BN2 Datasheet(HTML) 5 Page - Vicor Corporation

  V300B12E375BN2 Datasheet HTML 1Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 2Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 3Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 4Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 5Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 6Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 7Page - Vicor Corporation V300B12E375BN2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
Ω
1.23V
0.033
μF
RD
Trim Down
Load
+Out
+S
SC
–S
–Out
Error
Amp
1k
Ω
1.23V
0.033
μF
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Sense pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V300B12E375BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B12E375BN2 VICOR-V300B12E375BN2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V300B12E375BN2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Molex Electronics Ltd.
0457501212 MOLEX11-0457501212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIERW
0457503211 MOLEX11-0457503211 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
0457503212 MOLEX11-0457503212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
MB966 ETC2-MB966 Datasheet
485Kb / 1P
   1x Mini PCI-E slot (mSATA compatible)
logo
Vicor Corporation
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com