Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48A24E375BN Datasheet(PDF) 2 Page - Vicor Corporation

Part # V48A24E375BN
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A24E375BN Datasheet(HTML) 2 Page - Vicor Corporation

  V48A24E375BN Datasheet HTML 1Page - Vicor Corporation V48A24E375BN Datasheet HTML 2Page - Vicor Corporation V48A24E375BN Datasheet HTML 3Page - Vicor Corporation V48A24E375BN Datasheet HTML 4Page - Vicor Corporation V48A24E375BN Datasheet HTML 5Page - Vicor Corporation V48A24E375BN Datasheet HTML 6Page - Vicor Corporation V48A24E375BN Datasheet HTML 7Page - Vicor Corporation V48A24E375BN Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Surge Withstand
Unit
Notes
Input voltage
24 Vin
18
24
36
50
Vdc
<100 ms surge withstand
48 Vin
36
48
75
100
Vdc
300 Vin
180
300
375
400
Vdc
375 Vin
250
375
425
500
Vdc
Output voltage setpoint
±1
%
Nominal input; full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.5
%
Low line to high line; full load
Temperature regulation
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below
90% of nominal, a minimum load of 10% of
maximum rated power may be required.
Parameter
24 Vin
48 Vin
300 Vin
375 Vin
Units
Notes
Undervoltage turn-on
17.5
34.9
175
243
Vdc
Typical value
Undervoltage turn-off
15.3
30.5
153
212
Vdc
Typical value
Overvoltage turn-off/on
37.8
78.8
N/A
446
Vdc
Typical value
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Note: 300 Vin models do not have overvoltage turn-off.
Parameter
3.3V
5V
12V
15V
24V
28V
48V
Unit
Notes
Efficiency (typ.)
76.5
80.0
84.0
85.5
86.0
86.5
88.0
%
Nominal input; 80% load; 25°C
Ripple and noise, p-p (typ.)
120
105
170
150
150
180
55
mV
Nominal input; full load;
25°C; 20MHz BW
Output OVP setpoint (nom.)
4.3
6.3
14.3
17.8
28.1
32.7
55.7
Volts
25°C; recycle input voltage to
restart ( 1 minute off )
Dissipation, standby (typ.)
3.4
4.4
5.0
7.0
4.9
4.6
4.0
Watts
No load; nominal input
Load regulation (max.)
0.4
0.4
0.2
0.2
0.2
0.3
0.2
±% Vout
No load to full load; nominal input
Current limit (typ.)
115
115
115
115
115
115
115
% Iout
Output voltage 95% of nominal
Short circuit current (typ.)
115
115
115
115
115
115
115
% Iout.
Output voltage <250mV


Similar Part No. - V48A24E375BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A24E375BN VICOR-V48A24E375BN Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A24E375BN1 VICOR-V48A24E375BN1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A24E375BN2 VICOR-V48A24E375BN2 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
More results

Similar Description - V48A24E375BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com