Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2843B Datasheet(PDF) 5 Page - ON Semiconductor

Part # UC2843B
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2843B Datasheet(HTML) 5 Page - ON Semiconductor

  UC2843B Datasheet HTML 1Page - ON Semiconductor UC2843B Datasheet HTML 2Page - ON Semiconductor UC2843B Datasheet HTML 3Page - ON Semiconductor UC2843B Datasheet HTML 4Page - ON Semiconductor UC2843B Datasheet HTML 5Page - ON Semiconductor UC2843B Datasheet HTML 6Page - ON Semiconductor UC2843B Datasheet HTML 7Page - ON Semiconductor UC2843B Datasheet HTML 8Page - ON Semiconductor UC2843B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UC3842B, UC3843B, UC2842B, UC2843B, NCV3843BV
http://onsemi.com
5
Figure 6. Error Amp Small Signal
Transient Response
Figure 7. Error Amp Large Signal
Transient Response
Figure 8. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 9. Current Sense Input Threshold
versus Error Amp Output Voltage
Figure 10. Reference Voltage Change
versus Source Current
Figure 11. Reference Short Circuit Current
versus Temperature
-20
10 M
10
f, FREQUENCY (Hz)
Gain
Phase
VCC = 15 V
VO = 2.0 V to 4.0 V
RL = 100 K
TA = 25°C
0
30
60
90
120
150
180
100
1.0 k
10 k
100 k
1.0 M
0
20
40
60
80
100
0
VO, ERROR AMP OUTPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
2.0
4.0
6.0
8.0
VCC = 15 V
TA = 25°C
TA = -55°C
TA = 125°C
VCC = 15 V
TA = -55°C
TA = 25°C
-16
0
Iref, REFERENCE SOURCE CURRENT (mA)
20
40
60
80
100
120
-12
-8.0
-4.0
0
-20
-24
TA = 125°C
VCC = 15 V
RL ≤ 0.1 Ω
50
-55
TA, AMBIENT TEMPERATURE (°C)
-25
0
25
50
75
100
125
70
90
110
1.0 µs/DIV
0.5 µs/DIV
2.55 V
2.50 V
2.45 V
3.0 V
2.5 V
2.0 V
VCC = 15 V
AV = -1.0
TA = 25°C
VCC = 15 V
AV = -1.0
TA = 25°C


Similar Part No. - UC2843B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
832Kb / 9P
   Low Start-Up and Operating Current
logo
STMicroelectronics
UC2843B STMICROELECTRONICS-UC2843B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Guangdong Youtai Semico...
UC2843B UMW-UC2843B Datasheet
779Kb / 7P
   Low Start-Up and Operating Current
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UC2843B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com