Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVT16240 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
10 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 4.
Input (nAx) to output (nYx) propagation delays
Measurement points are given in Table 9.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
3-state output enable and disable times
Table 9:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
≥ 3 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
≤ 2.7 V
0.5
× VCC
0.5
× VCC
VOL + 0.15 V
VOH − 0.15 V
input nAx
output nYx
VM
tPLH
tPHL
VM
VM
VM
001aad264
VOH
VI
VOL
0 V
001aad265
input nOE
output nYx
VM
0 V
VOH
VM
tPLZ
tPZL
tPHZ
tPZH
output nYx
VOL
VI
VI
0 V
VM
VM
VY
VX


Similar Part No. - 74ALVT16240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DGG PHILIPS-74ALVT16241DGG Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241DL PHILIPS-74ALVT16241DL Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results

Similar Description - 74ALVT16240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com