Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL34020101000FHBG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PL34020101000FHBG
Description  Plastic Leadless Chip Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL34020101000FHBG Datasheet(HTML) 2 Page - Vishay Siliconix

  PL34020101000FHBG Datasheet HTML 1Page - Vishay Siliconix PL34020101000FHBG Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 61066
Revision 14-Nov-02
www.vishay.com
138
PL340, 341, 342
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
Plastic Leadless Chip Carrier
PACKAGE OUTLINE DRAWING
PLASTIC LEADLESS CHIP CARRIER PL340
20 LEAD PACKAGE
DIMENSIONS in inches [millimeters]
A
A1
B
B1
C
C1
D
D1
E
F
G
I
J
P
MINIMUM
0.385
0.348
0.385
0.348
--
--
--
--
--
--
--
0.026
--
--
[9.78]
[8.84]
[9.78]
[8.84]
--
--
--
--
--
--
--
0.66
--
--
NOMINAL
0.390
0.350
0.390
0.350
0.045
0.045
0.015
0.015
--
0.178
0.108
--
0.320 0.150
[9.91]
[8.89]
[9.91]
[8.89]
[1.14]
[1.14]
[0.38]
[0.38]
--
[4.52]
[2.74]
--
[8.13] [3.81]
MAXIMUM
0.395
0.352
0.395
0.352
--
--
--
--
--
--
--
--
--
--
[10.03]
[8.94]
[10.03]
[8.94]
--
--
--
--
--
--
--
--
--
--
ORDERING INFORMATION
Example: PL340-20-10-1000-F-F-B-C, 20 Lead PLCC, 1000
Ω Isolated Resistors, Absolute Tolerance: 1.0%, Ratio Tolerance: 0.1%,
Absolute TCR: 25ppm/
°C, Ratio TCR: 2ppm/°C.
PL340
20
10
1000
F
F
B
C
MODEL
NUMBER OF
NUMBER OF
RESISTANCE
ABSOLUTE
RATIO
ABSOLUTE TCR
RATIO TCR
LEADS
RESISTORS
VALUE
TOLERANCE
TOLERANCE
PPM/
°C
PPM/
°C
%%
(To RREF)
PL341
B = 0.1*
D = 0.050*
B = 25
C = 2*
PL342
C = 0.2*
F = 0.100
D = 50
D = 3*
D = 0.5
H = 0.250
E = 100
F = 5*
F = 1.0
J = 0.500
G = 10
G = 2.0
K = 1.000
X = N/A
J = 5.0
X = N/A
K = 10.0
M = 20.0
*Value dependent
A1
C
D1
D
B1
J
G
PIN 1 LOCATOR
C1
P
F
A, B
0.050 inches
0.5
° typical
4
° typical
0.120” DIAMETER
0.003 - 0.004” DEPTH
0.027
inches
4
° typical
NOTE: Factory will covert order number into final part number.
The first 3 digits are significant
figures and the last specifies the
number of zeros to follow.
“R” designates the decimal
point.
Example: 100 ohms = 1000
1000 ohms = 1001


Similar Part No. - PL34020101000FHBG

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results

Similar Description - PL34020101000FHBG

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
Analog Devices
HMC557A AD-HMC557A Datasheet
348Kb / 23P
   24-terminal ceramic leadless chip carrier package
logo
National Semiconductor ...
MKT-E32B NSC-MKT-E32B Datasheet
31Kb / 1P
   LEADLESS CHIP CARRIER, TYPE C, 32 TERMINAL
logo
KODENSHI_AUK CORP.
KP3014R64A1B KODENSHI-KP3014R64A1B Datasheet
147Kb / 5P
   Plastic leaded chip carrier
KP3014Y59A1B KODENSHI-KP3014Y59A1B Datasheet
148Kb / 5P
   Plastic leaded chip carrier
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
   Plastic leaded chip carrier
KP3020W8AA2C KODENSHI-KP3020W8AA2C Datasheet
142Kb / 5P
   Plastic leaded chip carrier
logo
List of Unclassifed Man...
PLCC28 ETC1-PLCC28 Datasheet
48Kb / 1P
   PLASTIC LEADED CHIP CARRIER
logo
KODENSHI_AUK CORP.
KP3020BSKA2C-LM2 KODENSHI-KP3020BSKA2C-LM2 Datasheet
179Kb / 5P
   Plastic leaded chip carrier
KP3014W00A1B KODENSHI-KP3014W00A1B Datasheet
136Kb / 6P
   Plastic leaded chip carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com