Electronic Components Datasheet Search |
|
V24C3V3E375BN Datasheet(PDF) 6 Page - Vicor Corporation |
|
V24C3V3E375BN Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 8 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 6 of 8 Set your site on VICOR at www.vicorpower.com CONTROL FUNCTIONS - PR PIN Parallel Operation The PR pin supports paralleling for increased power with N+1 (N+M) redundancy and phased array capability. Modules of the same input voltage, output voltage, and power level will current share if all PR pins are suitably interfaced. Compatible interface architectures include the following: DC coupled single-wire interface. All PR pins are directly connected to one another. This interface supports current sharing but is not fault tolerant. Minus In pins must be tied to the same electric potential. See Figure 9. AC coupled single-wire interface. All PR pins are connected to a single communication bus through 0.001µF (500V) capacitors. This interface supports current sharing and is fault tolerant except for the communication bus. See Figure 10. Figure 9—DC coupled single-wire interface. Module 2 (up to 12) Module 1 Ground plane +Out SC –Out +In PC PR –In +Out SC –Out +In PC PR –In Module 2 (up to 12) Module 1 Ground plane +Out SC –Out +In PC PR –In +Out SC –Out +In PC PR –In Figure 10—AC coupled single-wire interface. 0.001µF 0.001µF R1 4 2 7 6 Load LM10 +Out SC –Out R2 R3 1 3 8 1.05K Ω 200 Ω R4 1.2K Ω +Out SC –Out +Out SC –Out +Out SC –Out L O A D Plane Ground Plane • The +Out and –Out power buses should be designed to minimize and balance parasitic impedance from each module output to the load. • At the discretion of the power system designer, a subset of all modules within an array may be configured as slaves by shorting SC to –Out. • Do not use output OR’ing diodes with MicroMods. • This module is designed for point of load regulation, where remote sensing is not required. Active voltage drop compensator, as shown here, may be used in applications with significant distribution losses. Details of this circuit are available in the design guide. Figure 12—Voltage drop compensation. Figure 11—N+1 module array output connections. PIN STYLES * Designator Description Notes (None) Short solder Requires in-board, mounting L Long solder On-board mounting for 0.065" boards S Short ModuMate SurfMate or in-board socket mounting – RoHS compliant N Long ModuMate On-board socket mounting – RoHS compliant * Pin style designator follows the “B” after the output power and precedes the baseplate designator. Ex. V375A24C600BN — Long ModuMate Pins |
Similar Part No. - V24C3V3E375BN |
|
Similar Description - V24C3V3E375BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |