Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC02D Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74VHC02D
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC02D Datasheet(HTML) 5 Page - Integral Corp.

  IN74VHC02D Datasheet HTML 1Page - Integral Corp. IN74VHC02D Datasheet HTML 2Page - Integral Corp. IN74VHC02D Datasheet HTML 3Page - Integral Corp. IN74VHC02D Datasheet HTML 4Page - Integral Corp. IN74VHC02D Datasheet HTML 5Page - Integral Corp. IN74VHC02D Datasheet HTML 6Page - Integral Corp. IN74VHC02D Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IN74VHC02
AC electrical characteristics (tLH = tHL = 3.0 ns VIL = 0 V, V=VCC,)
Value
25
°C
–40
to 85
°C
Symbol
Parameter
Test
condition
s
VCC, V
CL,
pF
min max min max
Unit
15
-
7.9
-
9.5
3.3 ± 0.3
50
11.4
13.0
15
5.5
6.5-
tPHL, tPLH Propagation
delay
time when switching
"on", "off"
5.0 ± 0.5
50
7.5
8.5
ns
CI
Input capacity
-
5.0
10
CРD
Dynamic capacity
VI = 0 V
or VCC
5.0
30
pF
Noise characteristics (CL = 50 pF)
Value
Symbol
Parameter
VCC, V
min
max
Unit
VOLP
Positive noise of low output
voltage
5.0
-
0.8
V
VOLV
Negative noise of low output
voltage
5.0
-0.8
-
VIHD
Input dynamic high voltage
5.0
3.5
-
VILD
Input dynamic low voltage
5.0
-
1.5
5


Similar Part No. - IN74VHC02D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC02D IKSEMICON-IN74VHC02D Datasheet
296Kb / 7P
   Quad 2-Input NOR Gate
More results

Similar Description - IN74VHC02D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com