Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC08 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74VHC08
Description  Quad 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC08 Datasheet(HTML) 1 Page - Integral Corp.

  IN74VHC08 Datasheet HTML 1Page - Integral Corp. IN74VHC08 Datasheet HTML 2Page - Integral Corp. IN74VHC08 Datasheet HTML 3Page - Integral Corp. IN74VHC08 Datasheet HTML 4Page - Integral Corp. IN74VHC08 Datasheet HTML 5Page - Integral Corp. IN74VHC08 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
IN74VHC08
Quad 2-Input AND Gate
IN74VHC08 is high-speed logic IC made by CMOS
technology and designed for use in high-performance
calculating systems with a wide supply voltage range.
As for operation speed, IN74VHC08 can be compared
with equivalent bipolar ICs based on Schottky TTL and two
times surpasses ICs of IN74НС series.
IN74VHC08 tolerates operation under conditions when
voltage on input is exceeded up to 7V without affecting
characteristics and IC reliability. This possibility allows to
use IN74VHC08 in radio-electronic devices for interfacing
with supply voltages 5V and 3V, eliminate IC failure under
supply voltage source emergency outage.
Use of output edge shaping block in the microcircuit
allows to reduce noise amplitude of noises when switching
outputs into the same state simultaneously.
Input and output levels of IN74VHC08 are compatible with
CMOS levels
ORDERING INFORMATION
IN74VHC08N Plastic
IN74VHC08D SOIC
TA = -40° to 85° C for all
packages
Features:
• Supply voltage range 2.0 to 5.5 V.
• Output current 8 mA.
• Low consumption current: 0.2 mkA (typical value) at Та = 25 °С.
• Latchup current not less than 300 mA at Та = 85 °С.
• Tolerable value of static potential not less than 2000 V as per human body model
(HBM) and not less than 200 V as per machine model (ММ).
• Ambient operation temperature minus 40 to plus 85 °С.
• Balanced signal propagation delay.
• Ensures voltage exceeding mode on input
• Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8
V (max).
• For pins and functions, compatible with IN74НС08.
.
1


Similar Part No. - IN74VHC08

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC08 IKSEMICON-IN74VHC08 Datasheet
257Kb / 6P
   Quad 2-Input AND Gate
IN74VHC08D IKSEMICON-IN74VHC08D Datasheet
257Kb / 6P
   Quad 2-Input AND Gate
IN74VHC08N IKSEMICON-IN74VHC08N Datasheet
257Kb / 6P
   Quad 2-Input AND Gate
More results

Similar Description - IN74VHC08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com