Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHC02N Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74VHC02N
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74VHC02N Datasheet(HTML) 3 Page - Integral Corp.

  IN74VHC02N Datasheet HTML 1Page - Integral Corp. IN74VHC02N Datasheet HTML 2Page - Integral Corp. IN74VHC02N Datasheet HTML 3Page - Integral Corp. IN74VHC02N Datasheet HTML 4Page - Integral Corp. IN74VHC02N Datasheet HTML 5Page - Integral Corp. IN74VHC02N Datasheet HTML 6Page - Integral Corp. IN74VHC02N Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IN74VHC02
Absolute maximum conditions*
Parameter, unit
Symbol
Value
min
max
Supply voltage, V
VCC
-0.5
7.0
Input voltage, V
Vin
-0.5
7.0
Output voltage, V
Vout
-0.5
Vcc+0.5V
Input diode current, mA
Iik
-20
Current of common output and supply
output, mA
Icc
± 75
Output current, mA
Iout
± 25
Output diode current, mA
Iok
± 20
Dissipated power, mW
Pd
180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is
guaranteed under maximum conditions
Maximum conditions
Symbol
Value
Parameter, unit
min
max
Supply voltage, V
VCC
2.0
5.5
Input voltage,V
Vin
0
VCC
Output voltage, V
Vout
0
VCC
Output current, mA
Iout
± 8.0
Input rise and fall time, ns/V
at Vcc = (3.3 ± 0.3) V
at Vcc = (5.0 ± 0.5) V
tLH, tHL
0
0
100
20
3


Similar Part No. - IN74VHC02N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74VHC02N IKSEMICON-IN74VHC02N Datasheet
296Kb / 7P
   Quad 2-Input NOR Gate
More results

Similar Description - IN74VHC02N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com