Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ74LV574 Datasheet(PDF) 2 Page - Integral Corp.

Part # IZ74LV574
Description  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV574 Datasheet(HTML) 2 Page - Integral Corp.

  IZ74LV574 Datasheet HTML 1Page - Integral Corp. IZ74LV574 Datasheet HTML 2Page - Integral Corp. IZ74LV574 Datasheet HTML 3Page - Integral Corp. IZ74LV574 Datasheet HTML 4Page - Integral Corp. IZ74LV574 Datasheet HTML 5Page - Integral Corp. IZ74LV574 Datasheet HTML 6Page - Integral Corp. IZ74LV574 Datasheet HTML 7Page - Integral Corp. IZ74LV574 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IN74LV574
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.5 to +7.0
V
IIK *
1
Input diode current
±20
mA
IOK *
2
Output diode current
±50
mA
IO *
3
Output source or sink current
±35
mA
ICC
VCC current
±70
mA
IGND
GND current
±70
mA
PD
Power dissipation per package:
Plastic DIP *
4
SO *
4
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm (SO
Package) from Case for 4 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*
1
VI < -0.5 V or VI > VCC + 0.5 V.
*
2
VO < -0.5 V or VO > VCC + 0.5 V.
*
3
-0.5 V < VO < VCC + 0.5 V.
*
4 Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SO Package: : - 8 mW/
°C from 70° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.0
5.5
V
VI
DC Input Voltage
0
VCC
V
VO
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
0 V
≤ V
CC
≤ 2.0 V
2.0 V
≤ V
CC
≤ 2.7 V
2.7 V
≤ V
CC
≤ 3.6 V
3.6 V
≤ V
CC
≤ 5.5 V
0
0
0
0
500
200
100
50
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IZ74LV574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74LV00 INTEGRAL-IZ74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV04 INTEGRAL-IZ74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IZ74LV08 INTEGRAL-IZ74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
IZ74LV14 INTEGRAL-IZ74LV14 Datasheet
145Kb / 6P
   HEX SCHMITT-TRIGGER INVERTER
More results

Similar Description - IZ74LV574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com