Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ74LV574 Datasheet(PDF) 8 Page - Integral Corp.

Part # IZ74LV574
Description  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74LV574 Datasheet(HTML) 8 Page - Integral Corp.

  IZ74LV574 Datasheet HTML 1Page - Integral Corp. IZ74LV574 Datasheet HTML 2Page - Integral Corp. IZ74LV574 Datasheet HTML 3Page - Integral Corp. IZ74LV574 Datasheet HTML 4Page - Integral Corp. IZ74LV574 Datasheet HTML 5Page - Integral Corp. IZ74LV574 Datasheet HTML 6Page - Integral Corp. IZ74LV574 Datasheet HTML 7Page - Integral Corp. IZ74LV574 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IN74LV574
8
INTEGRAL
Location of marking (mm): left lower corner x=1.656, y=1.353.
Chip thickness: 0.46
± 0.02 mm, (0.35 ± 0.02 mm – for SOIC).
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
Output enable
0.128
0.545
0.108 x 0.108
02
D 0
0.128
0.229
0.108 x 0.108
03
D 1
0.330
0.120
0.108 x 0.108
04
D 2
0.576
0.120
0.108 x 0.108
05
D 3
0.738
0.120
0.108 x 0.108
06
D 4
1.054
0.120
0.108 x 0.108
07
D 5
1.216
0.120
0.108 x 0.108
08
D 6
1.466
0.120
0.108 x 0.108
09
D 7
1.682
0.314
0.108 x 0.108
10
GND
1.682
0.533
0.108 x 0.108
11
Clock
1.682
0.839
0.108 x 0.108
12
Q 7
1.682
1.108
0.108 x 0.108
13
Q 6
1.422
1.274
0.108 x 0.108
14
Q 5
1.149
1.274
0.108 x 0.108
15
Q 4
0.971
1.274
0.108 x 0.108
16
Q 3
0.811
1.274
0.108 x 0.108
17
Q 2
0.633
1.274
0.108 x 0.108
18
Q 1
0.360
1.274
0.108 x 0.108
19
Q 0
0.128
1.108
0.108 x 0.108
20
VCC
0.128
0.854
0.108 x 0.108
Note: Pad location is given as per metallization layer
01
10
02
X
Y
11
20
19
03
(0,0)
12
04
13
05
1.9 + 0.03
14
Chip marking
ÊÁLV574
06
15
07
16
08
17
09
18


Similar Part No. - IZ74LV574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ74LV00 INTEGRAL-IZ74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IZ74LV02 INTEGRAL-IZ74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IZ74LV04 INTEGRAL-IZ74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IZ74LV08 INTEGRAL-IZ74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
IZ74LV14 INTEGRAL-IZ74LV14 Datasheet
145Kb / 6P
   HEX SCHMITT-TRIGGER INVERTER
More results

Similar Description - IZ74LV574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com