Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV620N Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74LV620N
Description  OCTAL 3-STATE INVERTING BUS TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV620N Datasheet(HTML) 5 Page - Integral Corp.

  IN74LV620N Datasheet HTML 1Page - Integral Corp. IN74LV620N Datasheet HTML 2Page - Integral Corp. IN74LV620N Datasheet HTML 3Page - Integral Corp. IN74LV620N Datasheet HTML 4Page - Integral Corp. IN74LV620N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74LV620
5
- Time diagram of control of AC characteristics tPLH, tPHL
0.9
0.1
0.9
0.1
t
LH
t
HL
t
PH
L
t
PL
H
V
CC
GND
A, B
B, A
V
CC
V
I
t
THL
t
TLH
0.9
0.9
0.1
0.1
V
I = 0.5VCC
V
I
V
I
V
I
Fig.1
- Time diagram of control of AC characteristics tPLZ, tPHZ, tPZL, tPZH
V
CC
GND
OEA
0.9
0.1
t
PZH
t
PZL
t
PHZ
t
PLZ
A, B
A, B
V
OH
0 V
V
CC
V
OL
V
I
0.1
V
CC
GND
OEB
V
I
V
I
V
I
V
I
V
I
V
I = 0.5VCC
Fig.2


Similar Part No. - IN74LV620N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LV620N IKSEMICON-IN74LV620N Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results

Similar Description - IN74LV620N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com