Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV374N Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LV374N
Description  OCTAL D-TYPE FLIP-FLOP POSITIVE EDGETRIGGER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV374N Datasheet(HTML) 2 Page - Integral Corp.

  IN74LV374N Datasheet HTML 1Page - Integral Corp. IN74LV374N Datasheet HTML 2Page - Integral Corp. IN74LV374N Datasheet HTML 3Page - Integral Corp. IN74LV374N Datasheet HTML 4Page - Integral Corp. IN74LV374N Datasheet HTML 5Page - Integral Corp. IN74LV374N Datasheet HTML 6Page - Integral Corp. IN74LV374N Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IN74LV374
2
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
-0.5 to +5.0
V
IIK *
1
Input diode current
±20
IOK *
2
Output diode current
±50
IO *
3
Output source or sink current
±35
ICC
Bus driver outputs
±70
IGND
Ground current
±70
PD
Power dissipation per package,
Plastic DIP *4
SOIC *4
750
500
mW
Tstg
Storage temperature range
-65 to +150
°C
* In absolute maximum ratings modes functioning is not guaranteed. Upon lifting the
absolute maximum ratings functioning is guaranteed at the recommended operating
conditions.
*1 Provide VI < -0.5 V or VI > VCC + 0.5 V.
*2 Provide VO < -0.5 V or VO > VCC + 0.5 V.
*3 Provide -0.5 V < VO < VCC + 0.5 V.
*4 When operating in the temperature range of 70
°C to 125°C power dissipation value
decreases
- for Plastic DIP by 12 mW/
°C
- for SOIC by 8 mW/
°C
RECOMMENDED OPERATING MODES
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.2
3.6
V
VIN
Input voltage
0
VCC
V
VOUT
Output voltage
0
VCC
V
TA
Operating
ambient
temperature
range.
For all types packages
-40
125
°C
tLH, tHL
Input rise and fall times
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
1000
700
500
400
ns


Similar Part No. - IN74LV374N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV373 INTEGRAL-IN74LV373 Datasheet
140Kb / 7P
   OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
IN74LV373D INTEGRAL-IN74LV373D Datasheet
140Kb / 7P
   OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
IN74LV373N INTEGRAL-IN74LV373N Datasheet
140Kb / 7P
   OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
More results

Similar Description - IN74LV374N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV374 SLS-SL74LV374 Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com