Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV240 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74LV240
Description  OCTAL BUFFER/LINE DRIVE; 3-STATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV240 Datasheet(HTML) 4 Page - Integral Corp.

  IN74LV240 Datasheet HTML 1Page - Integral Corp. IN74LV240 Datasheet HTML 2Page - Integral Corp. IN74LV240 Datasheet HTML 3Page - Integral Corp. IN74LV240 Datasheet HTML 4Page - Integral Corp. IN74LV240 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74LV240
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, t r=tf=6.0 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
25
°C
-40
°C to
85
°C
125
°C
Unit
min
max
min
max
min
max
tPHL, tPLH Propagation delay , 1An
to 1Yn, 2An to 2Yn
VI = 0 V or VCC
Figure 1 and 3
1.2
2.0
*
-
-
-
100
24
15
-
-
-
125
30
19
-
-
-
150
36
23
ns
tPHZ tPLZ
Propagation delay, 1OE to
1Yn, 2OE to 2Yn
VI = 0 V or VCC
Figure 2 and 4
1.2
2.0
*
-
-
-
140
30
20
-
-
-
175
35
24
-
-
-
210
41
28
ns
tPZH tPZL
Propagation delay, 1OE to
1Yn, 2OE to 2Yn
VI = 0 V or VCC
Figure 2 and 4
1.2
2.0
*
-
-
-
140
32
20
-
-
-
175
40
25
-
-
-
210
48
30
ns
tTHL, tTLH Output Transition Time,
Any Output
VI = 0 V or VCC
Figure 1 and 3
1.2
2.0
*
-
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
CI
Input capacitance
3.0
-
7.0
-
7.0
-
7.0
pF
CPD
Power dissipation
capacitance (per one
channel)
VI = 0 V or VCC
-
50
-
-
-
-
pF
* VCC = 3.3
± 0.3 V
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
* Includes all probe and jig capacitance
* Includes all probe and jig capacitance
Figure 3. Test Circuit
Figure 4. Test Circuit
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
1 k
C
L
*
TEST POINT
Connect to VCC when
testing tPLZ and tPZL
Connect to GND when
testing tPHZ and tPZH
90%
90%
50%
50%
10%
10%
t
t
t
t
t
t
f
r
PLH
THL
TLH
PHL
V
CC
GND
1A or 2A
n
n
1Y or 2Y
n
n
t
t
t
t
PZH
PHZ
PZL
PLZ
V
V
CC
OH
GND
50%
50%
50%
1OE
2OE
or
1Y or 2Y
n
n
1Y or 2Y
n
n
GND
V
V
OL
CC


Similar Part No. - IN74LV240

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV241 INTEGRAL-IN74LV241 Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV241DW INTEGRAL-IN74LV241DW Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV241N INTEGRAL-IN74LV241N Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
IN74LV244 INTEGRAL-IN74LV244 Datasheet
157Kb / 4P
   OCTAL BUFFER/LINE DRIVER 3-STATE
IN74LV244DW INTEGRAL-IN74LV244DW Datasheet
157Kb / 4P
   OCTAL BUFFER/LINE DRIVER 3-STATE
More results

Similar Description - IN74LV240

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
LV244 SLS-LV244 Datasheet
37Kb / 4P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
Integral Corp.
IN74LV241 INTEGRAL-IN74LV241 Datasheet
43Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV240 KODENSHI-KK74LV240 Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV244 KODENSHI-KK74LV244 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
logo
Texas Instruments
CD54AC540 TI-CD54AC540_08 Datasheet
665Kb / 15P
[Old version datasheet]   Octal Buffer/Line Drivers, 3-State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com