Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV138D Datasheet(PDF) 2 Page - Integral Corp.

Part # IN74LV138D
Description  3-to-8 line decoder/demultiplexer;inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV138D Datasheet(HTML) 2 Page - Integral Corp.

  IN74LV138D Datasheet HTML 1Page - Integral Corp. IN74LV138D Datasheet HTML 2Page - Integral Corp. IN74LV138D Datasheet HTML 3Page - Integral Corp. IN74LV138D Datasheet HTML 4Page - Integral Corp. IN74LV138D Datasheet HTML 5Page - Integral Corp. IN74LV138D Datasheet HTML 6Page - Integral Corp. IN74LV138D Datasheet HTML 7Page - Integral Corp. IN74LV138D Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IN74LV138
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Conditions
Unit
VCC
DC supply voltage
-0.5 to +7.0
V
IIK
DC input diode current
±20
VI
< - 0.5 or V
I
> Vcc+0.5V
mA
IOK
DC output diode current
±50
VO
< - 0.5 or V
O
> Vcc+0.5V
mA
IO
DC output source or sink current
±25
-0.5Â<Vo<Vcc+0.5B
mA
ICC
DC VCC or GND current for types with
standard outputs
±50
mA
Tstg
Storage Temperature
-65 to +150
°C
PD
Power Dissipation per package
Plastic DIP+
SOIC Package+
750
500
mW
TL
Lead temperature, 1.5 mm from Case for 4
seconds
(Plastic DIP ), 0.3 mm (SOIC Package)
260
°C
*
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SOIC Package: : - 8 mW/
°C from 70° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC supply voltage
1.0
5.5
V
VIN,
DC input voltage,
0
VCC
V
VO
DC output voltage
0
VCC
V
TA
Operating ambient temperature range in free air
-40
+125
°C
tr, tf
Input rise and fall times except for
Schmitt-trigger inputs
Vcc= 1.0 ? 2.0Â
Vcc= 2.0 ? 2.7Â
Vcc= 2.7 ? 3.6Â
Vcc= 3.6 ? 5.5Â
0
0
0
500
200
100
50
ns/B
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IN74LV138D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139D INTEGRAL-IN74LV139D Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139N INTEGRAL-IN74LV139N Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - IN74LV138D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HC138D NXP-74HC138D Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com