Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV04 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LV04
Description  HEX INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV04 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LV04 Datasheet HTML 1Page - Integral Corp. IN74LV04 Datasheet HTML 2Page - Integral Corp. IN74LV04 Datasheet HTML 3Page - Integral Corp. IN74LV04 Datasheet HTML 4Page - Integral Corp. IN74LV04 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IN74LV04
1
HEX INVERTER
The IN74LV04 is a low-voltage Si-gate CMOS device that is pin
and function compatible with 74HC/HCT04A.
The IN74LV04 provides six inverting buffers.
• Wide Operating Voltage: 1.0÷5.5 V
• Optimized for Low Voltage applications: 1.0÷3.6 V
• Accepts TTL input levels between VCC =2.7 V and VCC =3.6 V
• Low Input Current
ORDERING INFORMATION
IN74LV04N
Plastic
IN74LV04D
SOIC
IZ74LV04
Chip
TA = -40° ÷ 125° C for all
packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Input
Output
A
Y
L
H
H
L


Similar Part No. - IN74LV04

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
More results

Similar Description - IN74LV04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com