Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV00N Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74LV00N
Description  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV00N Datasheet(HTML) 5 Page - Integral Corp.

  IN74LV00N Datasheet HTML 1Page - Integral Corp. IN74LV00N Datasheet HTML 2Page - Integral Corp. IN74LV00N Datasheet HTML 3Page - Integral Corp. IN74LV00N Datasheet HTML 4Page - Integral Corp. IN74LV00N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74LV00
5
INTEGRAL
CHIP PAD DIAGRAM IZ74LV00
Pad size 0.108 x 0.108 mm (Pad size is given as per
metallization layer)
Thickness of chip 0.46
± 0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
A1
0.111
0.287
02
B1
0.111
0.119
03
Y1
0.504
0.111
04
A2
0.672
0.111
05
B2
1.009
0.111
06
Y2
1.009
0.277
07
GND
1.009
0.447
08
Y3
1.009
0.806
09
A3
1.009
0.974
10
B3
0.672
0.974
11
Y4
0.504
0.974
12
A4
0.336
0.974
13
B4
0.111
0.772
14
Vcc
0.111
0.618
01
02
03
04
05
06
07
08
09
10
11
12
13
14
1.23 0.03
±
Chip marking
25LV00
(x=1.009; y=0.727)


Similar Part No. - IN74LV00N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV02 INTEGRAL-IN74LV02 Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02D INTEGRAL-IN74LV02D Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV02N INTEGRAL-IN74LV02N Datasheet
138Kb / 4P
   QUAD 2-INPUT NOR GATE
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV00N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com