Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62256FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62256FP
Description  Single chip battery charger control IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62256FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62256FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62256FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M62256FP
Mitsubishi Integrated Circuit <Digital/Analog Interface>
Single chip battery charger control IC
Unit
Items
Symbols
Conditions
Standard
Min
Typ
Max
Items
Symbols
Conditions
Standard
Min
Typ
Max
Unit
Internal Voltage Set-up
Set-up output voltage at Adpt mode
Set-up output voltage at charge mode
I
set-up voltage
SET1
I
set-up voltage
SET2
OCSET set-up voltage
Over-voltage set-up voltage
-
∆V detection voltage1
Voltage at the end of discharge
Temperature detection set-up voltage1
Over-heating detection set-up voltage
Set-up output voltage when
over-current is detected
-
∆V detection voltage2
VAdpt
Temperature detection set-up voltage2
CHG
V
DOWN
V
ISET1
V
ISET2
V
OCSET
V
OVP
V
-
∆V-1
V
-
∆V-2
V
CHGON
V
TTH1
V
TTH2
V
O/H
V
When quick charging
When trickle charging
When adapter mode
within Initialization timer
after initialization timer has passed
Temperature at the start of charging
Temperature at the start of recharging
Charge stop temperature
820
864
910
mV
1.19
1.26
1.33
V
478
504
530
123
130
137
11.4
12.0
12.6
208
220
232
9.0
9.5
10
0.6
1.0
1.4
60
100
140
4.7
5.0
5.3
0.92
0.97
1.02
1.06
1.12
1.18
0.81
0.86
0.91
mV
mV
mV
mV
mV
V
V
V
V
V
V
Oscillation frequency
Initialization timer1
Undetected time for -É¢V
Safety timer1
Over-current detection time
Initialization timer2
Initialization timer3
Safety timer2
fosc
Tm1
TNDET
Tms1
TOC
Tm2
Tm3
Tms2
Rc=30KÉ
∂ , Cc=2200pF
Battery voltage<5V
5V
≤Battery voltage<6.5V
Battery voltage
≥6.5V
when quick charging
when trickle charging
9.22 10.24 11.26 KHz
18.0
20.0
22.0
min
4.5
5.0
5.5
2.7
3.0
3.3
21.6
24
26.4
9.0
10.0
11.0
hr
sec
min
min
min
hr
2.7
3.0
3.3
2.7
3.0
3.3
Note: The time given to each timer is when the oscillation frequency of 10.24KHz is used.
Recommended Operating Range
Power supply voltage (Vcc) …………………… 3~15V
Charge current (See Note1)
Preliminary charge
……………………… 50~200mA
Quick charge
…………………………… 0.8~2A
Trickle charge
…………………………… 80~200mA
Discharge current (See Note1) ………………… 300~500mA
LED drive current (See Note2) ………………… 115mA
Note1. The charging current must be set according to the battery specifications.
The currents used for quick charge and trickle charge are detemined by the voltage
of the terminals Iset1 and Iset2 and current sense resistor R4 (Application in page 9).
Note2. The LED drive current is calculated by the following equation.
I
=
(A)
LED
200mV
RL


Similar Part No. - M62256FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62256FP RENESAS-M62256FP Datasheet
222Kb / 11P
   Single Chip Battery Charger Control IC
More results

Similar Description - M62256FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62240FP RENESAS-M62240FP Datasheet
117Kb / 7P
   Single Chip Battery Charger Control IC
M62241FP RENESAS-M62241FP Datasheet
264Kb / 22P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62256FP RENESAS-M62256FP Datasheet
222Kb / 11P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
M62255FP MITSUBISHI-M62255FP Datasheet
59Kb / 12P
   GENERAL PURPOSE BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
   General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
   General Purpose Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com