Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL064 Datasheet(PDF) 6 Page - ON Semiconductor

Part # TL064
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL064 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button TL064 Datasheet HTML 2Page - ON Semiconductor TL064 Datasheet HTML 3Page - ON Semiconductor TL064 Datasheet HTML 4Page - ON Semiconductor TL064 Datasheet HTML 5Page - ON Semiconductor TL064 Datasheet HTML 6Page - ON Semiconductor TL064 Datasheet HTML 7Page - ON Semiconductor TL064 Datasheet HTML 8Page - ON Semiconductor TL064 Datasheet HTML 9Page - ON Semiconductor TL064 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TL062 TL064
6
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V
VEE = –15 V
RS = 100 Ω
TA = 25°C
+PSR = 20Log
∆VO/ADM
∆VCC
–PSR = 20Log
∆VO/ADM
∆VEE
+PSR (
∆VCC = ±1.5 V)
–PSR (
∆VEE = ±1.5 V)
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC
VEE
ADM
+
∆VO
Figure 13. Power Supply Rejection
versus Frequency
Figure 14. Normalized Gain Bandwidth
Product, Slew Rate and Phase
Margin versus Temperature
Figure 15. Input Bias Current
versus Temperature
Figure 16. Input Noise Voltage
versus Frequency
Figure 17. Small Signal Response
Figure 18. Large Signal Response
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
Phase Margin
Slew Rate
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
VCM = 0 V
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
t, TIME (0.5
µs/DIV)
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF
AV = +1.0
t, TIME (2.0
µs/DIV)
GBW
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF
AV = +1.0
140
120
100
80
60
40
20
0
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.001
0.01
0.1
1.0
10
100
1000
0
10
20
30
40
50
60
70
1.08
1.06
1.04
1.02
1.0
0.98
0.96
0.94
0.92
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF


Similar Part No. - TL064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064 TI-TL064 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
237Kb / 10P
   LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL064 TI-TL064 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064 TI-TL064 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com