Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7969WD2B Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7969WD2B
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969WD2B Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7969WD2B Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969WD2B Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 2
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Electrical Characteristics
Table 1: AC Specifications
Symbol
Parameter
Min
Typ
Max
Units
Conditions
∆I
PH
Input Photocurrent Swing
2.2
mA
Peak-to-peak AC current
amplitude
IPHS-AVG
Average Photocurrent Sensitivity
4
µA
-23dBm average optical power
with a detector responsitivity of
0.8A/W.
IPHS-PEAK
Peak Input Photocurrent Sensitivity
8
µA
-23dBm average optical power
with a detector responsitivity of
0.8A/W.
∆V
OUT-SE
Single-Ended Output Voltage
Amplitude
200
250
300
mV
Single-ended peak-to-peak
measurement, IIN >20µA.
∆V
OUT-DIFF
Differential Output Voltage Amplitude
400
500
600
mV
Differential peak-to-peak
measurement, IIN >20µA.
tR, tF
Rise and Fall Time
60
100
ps
At 2.2mAp-p input photocurrent
swing. 20% to 80%.
ZT
(1)
Transimpedance Gain
20k
27k
40k
Differential measurement
∆Z
T
(1)
Ripple in Passband Transimpedance
1
dB
Modulation frequency between FL
and BW
BW
Upper -3dB Bandwidth
2.2
2.5
3.0
GHz
Referenced to 10MHz,
CPD = 0.6pF
FL
Lower -3dB Cutoff Frequency
100
kHz
Referenced to 10MHz, CPD =
0.6pF with no external
components
ZO
Output Impedance
50
Single-ended
PSRR
Power Supply Rejection Ratio
TBD
INOISE
Input-Referred rms Noise Current
500
nA
30kHz to 2.5GHz
CPD
Photodetector Capacitance
0.4
0.6
0.8
pF
Bias voltage on detector at 2.0V
SDH
Signal Detect Hysterisis
1
2
4
dB
Electrical measurement on SD pin
SDA-OPEN
Signal Detect Assertion Level
3
5
9
µA
Average photocurrent with SD
open.
SDD-OPEN
Signal Detect Deasseration Level
1.0
2.2
3.0
µA
Average photocurrent with SD
open.
SDA-SHORT
Signal Detect Asseration Level
6
10
18
µA
Average photocurrent with SD
shorted to ground.
SDD-SHORT
Signal Detect Deasseration Level
2.0
4.4
6.0
µA
Average photocurrent with SD
shorted to ground.
SDHIGH
Signal Detect HIGH Logic Level
VCCS
- 0.3
V
SDLOW
Signal Detect LOW Logic Level
0.5
0.8
V


Similar Part No. - VSC7969WD2B

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7969WD2B

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
   3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier with PLD
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com