Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7969 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7969
Description  3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7969 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7969 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7969 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7969
3.125Gb/s Integrated Transimpedance
and Limiting Amplifier with Signal Detect
Page 8
G52355-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Circuit Description
The VSC7969 data path consists of several stages: transimpedance input stage, limiting amplifier, and out-
put driver. The transimpedance amplifier accepts current from a photodetector connected to the input pad ‘IN’
and converts the input current to a differential output voltage. The signal then travels to the second stage limit-
ing amplifier which provides DC restoration, eliminating the DC component of the input signal. The linear pho-
tocurrent monitor and signal detect function is also provided by this stage. The final stage consists of an output
driver with a differential pair connected to VCC via 50Ω internal pull-up resistors. The overall effective differ-
ential transimpedance of the VSC7969 is typically 27k
Ω. The limited output single-ended voltage swing is typ-
ically 250mVp-p.
Design Guidelines
Power Supply
The VSC7969 is supplied by a single supply voltage; for +3.3V operation, the supply votlage should be
applied to only VCCS. For +5V operation, the supply voltage should be applied to only VCCD.
Data Outputs
The outputs of the VSC7969 need to be AC-coupled. This capacitor will determine the low frequency cut-
off for the system, which is directly related to the receiver’s deterministic jitter. For ATM/SONET or other
applications using PRBS NRZ data, select a capacitor of at least 0.1µF or greater, which provides less than
32kHz low frequency cutoff. For Fibre Channel, Gigabit Ethernet, or other applications requiring 8B/10B data
coding, select a capacitor of at least 0.01µF or greater, which provides less than 320kHz low frequency cutoff.
The outputs can be used single-ended or differential. For best performance, differential operation is recom-
mended. If single-ended operation is necessary, the unused output should be AC-coupled and terminated with
an impedance equal to the load on the pin in use.


Similar Part No. - VSC7969

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7969

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7959 VITESSE-VSC7959 Datasheet
96Kb / 10P
   3.125Gb/s CML Limiting Amplifier with LOS Detect
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
   3.125Gb/s PECL Limiting Amplifier with LOS Detect
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier with PLD
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com