Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL100NH3LL Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL100NH3LL
Description  N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL100NH3LL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL100NH3LL Datasheet HTML 2Page - STMicroelectronics STL100NH3LL Datasheet HTML 3Page - STMicroelectronics STL100NH3LL Datasheet HTML 4Page - STMicroelectronics STL100NH3LL Datasheet HTML 5Page - STMicroelectronics STL100NH3LL Datasheet HTML 6Page - STMicroelectronics STL100NH3LL Datasheet HTML 7Page - STMicroelectronics STL100NH3LL Datasheet HTML 8Page - STMicroelectronics STL100NH3LL Datasheet HTML 9Page - STMicroelectronics STL100NH3LL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STL100NH3LL
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.83
0.93
0.031
0.032
0.036
A1
0.02
0.05
0.0007
0.0019
A3
0.20
0.007
b
0.35
0.40
0.47
0.013
0.015
0.018
D
5.00
0.196
D1
4.75
0.187
D2
4.15
4.20
4.25
0.163
0.165
0.167
E
6.00
0.236
E1
5.75
0.226
E2
3.43
3.48
3.53
0.135
0.137
0.139
E4
2.58
2.63
2.68
0.103
0.105
e
1.27
0.050
L
0.70
0.80
0.90
0.027
0.031
0.035
PowerFLAT™ (6x5) MECHANICAL DATA


Similar Part No. - STL100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
394Kb / 12P
   N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
   N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
More results

Similar Description - STL100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
   N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
   N-channel 30V - 0.0032廓 - 22A - PowerFLAT??(6x5) STripFET??Power MOSFET plus monolithic Schottky
STL60NH3LL_0609 STMICROELECTRONICS-STL60NH3LL_0609 Datasheet
355Kb / 13P
   N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
   N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com