Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M312L5128MT0-CA0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M312L5128MT0-CA0
Description  DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M312L5128MT0-CA0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M312L5128MT0-CA0 Datasheet HTML 1Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 2Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 3Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 4Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 5Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 6Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 7Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 8Page - Samsung semiconductor M312L5128MT0-CA0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DDR SDRAM
4GB Registered DIMM
Rev. 0.4 April. 2004
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DQS0
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM0/DQS9
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM2/DQS11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM3/DQS12
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM4/DQS13
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM5/DQS14
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM7/DQS16
RCS0
RCS1
DQS4
DQS1
DQS5
DQS2
DQS3
DM6/DQS15
DQS6
DQS7
DQ15
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D0
CS
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D1
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D2
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D3
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D4
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D5
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D6
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D7
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D9
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D10
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D11
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D12
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D13
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D14
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D15
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D16
DM
DM1/DQS10
VSS
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D18
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D19
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D20
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D21
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D22
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D23
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D24
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D25
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D27
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D28
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D29
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D30
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D31
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D32
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D33
DM
DQS
I/O 0
I/O 1
I/O 2
I/O 3
D34
DM
Notes:
1. DQ-to-I/O wiring is shown as recommended but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
RA0 - RA13
A0-A13 SDRAMs D0 - D35
RAS: SDRAMs D0 - D35
RCAS
CAS: SDRAMs D0 - D35
RCKE1
CKE: SDRAMs D18 - D35
PCK
WE: SDRAMs D0 - D35
RCKE0
RBA0 - RBA1
BA0-BAn: SDRAMs D0 - D35
RAS
CAS
CKE0
CKE1
RCS1
CS1
BA0-BA1
A0-A13
R
E
G
I
S
T
E
R
RRAS
RWE
CS0
RCS0
WE
PCK
RESET
CKE: SDRAMs D0 - D17
PLL
CK0,CK0
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D35
D0 - D35
VDD/VDDQ
D0 - D35
D0 - D35
VREF
VDDSPD
SPD
4GB, 512M x 72 ECC Module [ M312L5128MT0 ] (Populated as 2 bank of x4 DDR SDRAM Module)
Functional Block Diagram
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DQS8
DM8/DQS17
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D8
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D17
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D26
DM
DQS
I/O 3
I/O 2
I/O 1
I/O 0
D35
DM
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS


Similar Part No. - M312L5128MT0-CA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L5628BT0-A2 SAMSUNG-M312L5628BT0-A2 Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L5628BT0-CAA SAMSUNG-M312L5628BT0-CAA Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L5720BG0-A2 SAMSUNG-M312L5720BG0-A2 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M312L5720BG0-B0 SAMSUNG-M312L5720BG0-B0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M312L5720BG0-CB3 SAMSUNG-M312L5720BG0-CB3 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
More results

Similar Description - M312L5128MT0-CA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
logo
Hynix Semiconductor
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
Samsung semiconductor
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com