Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1823 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1823
Description  Dual USB Switch with Fault Blanking and Autoreset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1823 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1823 Datasheet HTML 5Page - Maxim Integrated Products MAX1823 Datasheet HTML 6Page - Maxim Integrated Products MAX1823 Datasheet HTML 7Page - Maxim Integrated Products MAX1823 Datasheet HTML 8Page - Maxim Integrated Products MAX1823 Datasheet HTML 9Page - Maxim Integrated Products MAX1823 Datasheet HTML 10Page - Maxim Integrated Products MAX1823 Datasheet HTML 11Page - Maxim Integrated Products MAX1823 Datasheet HTML 12Page - Maxim Integrated Products MAX1823 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Dual USB Switch with Fault
Blanking and Autoreset
______________________________________________________________________________________
11
Table 1. MAX1823 Current Limiting and Fault Behavior
Fault blanking allows the MAX1823 to handle USB loads
that may not be fully compliant with the USB specifica-
tions. USB loads with additional bypass capacitance
and/or large startup currents can be successfully pow-
ered even while protecting the upstream power source.
No fault is indicated if the switch is able to bring up the
load within the 20ms blanking period.
Applications Information
Input Power Source
IN, INA, and INB provide the power for all control and
charge-pump circuitry. All three IN_ pins must be con-
nected together externally. The input-voltage slew rate
should be less than 0.2V/µs to prevent erroneous
FAULT_ indications. This condition should not occur
under normal USB applications.
Input Capacitor
Connect a capacitor from IN_ to ground to limit the input
voltage drop during momentary output short-circuit con-
ditions. A 0.1µF ceramic capacitor is required for local
decoupling; higher capacitor values further reduce the
voltage drop at the input (see the Typical Application
Circuit (Figure 1)). When driving inductive loads, a larg-
er capacitance prevents voltage spikes from exceeding
the MAX1823’s absolute maximum ratings.
Output Capacitor
Place a 1µF or greater capacitor at each output for noise
immunity. When starting up into very large capacitive
loads, the switch pulses the output current at 0.35ARMS
until the output voltage rises above 1V, then the capacitor
continues to charge at the full 0.9A current limit. There is
no limit to the output capacitor size, but to prevent a start-
up fault assertion, the capacitor must charge up within
the fault-blanking delay period. Typically, starting up into
a 330µF or smaller capacitor does not trigger a fault out-
put. In addition to bulk capacitance, small-value (0.1µF or
greater) ceramic capacitors improve the output’s
resilience to electrostatic discharge (ESD).
Driving Inductive Loads
A wide variety of devices (mice, keyboards, cameras,
and printers) can load the USB port. These devices com-
monly connect to the port with cables, which can add an
inductive component to the load. This inductance causes
the output voltage at the USB port to ring during a load
step. The MAX1823 is capable of driving inductive loads,
but avoids exceeding the device’s absolute maximum rat-
ings. Usually the load inductance is relatively small, and
the MAX1823’s input includes a substantial bulk capaci-
tance from an upstream regulator as well as local bypass
capacitors, limiting overshoot. If severe ringing occurs
due to large load inductance, clamp the MAX1823’s out-
put below 6V and above -0.3V.
CONDITION
MAX1823 BEHAVIOR
Output short circuit
(VOUT < 1V)
An output short circuit ramps the current to ISHORT in 2ms to 3ms, the switch shuts off, the
blanking timer turns on, FAULT_ stays high, and the output current pulses at 0.35ARMS.
Removing the short circuit before the 15ms short-circuit blanking timeout period allows the
next ramped current pulse to soft-start the output. The FAULT_ flag stays high.
A short circuit exceeding 15ms to 20ms forces FAULT_ low at 20ms, enables autoreset
mode, and sources 25mA at the output.
An output voltage above 0.5V for 20ms resets the switch, turns on the output, and forces
FAULT_ high.
Output overload current
(VOUT > 1V)
An output overload regulates the current at ILIM (0.9A), and FAULT_ stays high until the
overload is removed, a thermal fault occurs, or the 20ms continuous current-limit timeout
period is reached.
An overcurrent condition still present at 20ms forces FAULT_ low, enables autoreset, and
sources 25mA at the output.
An output voltage above 0.5V for 20ms resets the switch, turns on the output, and forces
FAULT_ high.
Thermal fault
(TJ > +160°C)
A junction temperature of +160°C immediately forces FAULT_ low (the blanking timer does
not apply to thermal faults) and turns off the switch. The junction cooling 15°C removes the
thermal fault condition, enables autoreset mode, and sources 25mA at the output. FAULT_
remains low while a thermal fault condition is present.
An output voltage above 0.5V for 20ms resets the switch, turns on the output, and forces
FAULT_ high.


Similar Part No. - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1823AEUB MAXIM-MAX1823AEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823EUB MAXIM-MAX1823EUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1823HEUB MAXIM-MAX1823HEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results

Similar Description - MAX1823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
   Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com