Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M312L5128MT0-CA2 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # M312L5128MT0-CA2
Description  DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M312L5128MT0-CA2 Datasheet(HTML) 1 Page - Samsung semiconductor

  M312L5128MT0-CA2 Datasheet HTML 1Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 2Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 3Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 4Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 5Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 6Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 7Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 8Page - Samsung semiconductor M312L5128MT0-CA2 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DDR SDRAM
4GB Registered DIMM
Rev. 0.4 April. 2004
DDR SDRAM Registered Module
184pin Registered Module based on 1Gb M-die
with 1,200mil Height & 72-bit ECC
Revision 0.4
( TSOP-II )
April, 2004


Similar Part No. - M312L5128MT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M312L5628BT0-A2 SAMSUNG-M312L5628BT0-A2 Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L5628BT0-CAA SAMSUNG-M312L5628BT0-CAA Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M312L5720BG0-A2 SAMSUNG-M312L5720BG0-A2 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M312L5720BG0-B0 SAMSUNG-M312L5720BG0-B0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M312L5720BG0-CB3 SAMSUNG-M312L5720BG0-CB3 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
More results

Similar Description - M312L5128MT0-CA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
logo
Hynix Semiconductor
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
Samsung semiconductor
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com