Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62255FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M62255FP
Description  GENERAL PURPOSE BATTERY CHARGER CONTROL IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62255FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M62255FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M62255FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MITSUBISHI<Dig./Ana. INTERFACE>
M62255FP
GENERAL PURPOSE BATTERY CHARGER CONTROL IC
(
/ 12 )
New
Product
New
Product
TENTATIVE
TENTATIVE
8
BLOCK DESCRIPTION
(1) Battery Voltage Detect BLOCK
3
1
5.0V
0.31V
IN4
IN3
DOUT
CK
CS
DI
ISENSE1 -
IN2
IN1
1
1
ISENSE1+
ISENSE2 -
ISENSE2+
x10
x10
Serial Data
from MCU
Serial-Parallel
Converter
Circuit
Reference
Voltage for
A-D Converter
to A-D input of MCU
Fig.1 Block Diagram of Multiplexer and Level Magnification Circuit
Multiplexer and Level Magnification Circuit of M62255 consists from Reference Voltage, 4times amplifier,
10times Amplifier and 4input Multiplexer.
When setting the reference voltage correspond to detecting voltage by serial data from MCU, this set
voltage supply to reference voltage for A-D converter. The difference between input voltage of IN1 - IN4
and reference voltage is multiplied by 4 at the center of this setting voltage.
This multiplied voltage is supplied to A-D input of MCU from DOUT terminal. The resolution of A-D
converter of MCU is improved by 2-Bit as against the difference of IN1-IN4 input.


Similar Part No. - M62255FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
   General Purpose Battery Charger Control IC
More results

Similar Description - M62255FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62258FP MITSUBISHI-M62258FP Datasheet
54Kb / 7P
   GENERAL PURPOSE BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
   General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
   General Purpose Battery Charger Control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
M62240FP RENESAS-M62240FP Datasheet
117Kb / 7P
   Single Chip Battery Charger Control IC
M62241FP RENESAS-M62241FP Datasheet
264Kb / 22P
   Single Chip Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62256FP RENESAS-M62256FP Datasheet
222Kb / 11P
   Single Chip Battery Charger Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com