Electronic Components Datasheet Search
Selected language
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Part Name
Included
start with
end
match
Description
54LS09 Datasheet(PDF) 2 Page - National Semiconductor (TI)
[Old version datasheet]
Texas Instruments acquired National semiconductor.
Part No.
54LS09
Description
QUAD
2-INPUT
AND
GATES
WITH
OPEN-COLLECTOR
OUTPUTS
Download
2 Pages
Scroll/Zoom
100%
Maker
NSC [National Semiconductor (TI)]
Homepage
http://www.national.com
Logo
2 page
Html Pages
1
2
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
5409
Quad
2-Input
AND
Gates
with
Open-Collector
Outputs
1
2
3
4
National Semiconductor (TI)
DM74LS09
Quad
2-Input
AND
Gates
with
Open-Collector
Outputs
1
2
3
4
Fairchild Semiconductor
DM74S09
Quad
2-Input
AND
Gates
with
Open-Collector
Outputs
1
2
3
4
National Semiconductor (TI)
DM5403
Quad
2-Input
NAND
Gates
with
Open-Collector
Outputs
1
2
3
4
National Semiconductor (TI)
DM7401
Quad
2-Input
NAND
Gates
with
Open-Collector
Outputs
1
2
3
4
National Semiconductor (TI)
DM74LS03
Quad
2-Input
NAND
Gates
with
Open-Collector
Outputs
1
2
3
4
Fairchild Semiconductor
DM7403
Quad
2-Input
NAND
Gates
with
Open-Collector
Outputs
1
2
3
Fairchild Semiconductor
DM7426
Quad
2-Input
NAND
Gates
with
High
Voltage
Open-Collector
Outputs
1
2
3
Fairchild Semiconductor
TC74LCX32F
LOW
VOLTAGE
QUAD
2-INPUT
OR
GATE
WITH
5V
TOLERANT
INPUTS
AND
OUTPUTS
1
2
3
4
5
More
Toshiba Semiconductor
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2017
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl