Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A9701P Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A9701P
Description  8-Function Remote Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A9701P Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A9701P Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A9701P Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
PT8A9701P/974P/974LP
8-Function Remote Controller
PT0090(09/02)
Ver:2
5
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Functional Description
In normal operation without ‘Turbo’, forward (backward) out-
put pin of the decoder PT8A974P/974LP sends out a 60Hz
signal. In operation with ‘Forward (Backward)’ and ‘Turbo’
combined, the output signal will be completely high. This func-
tion is depicted in Table 3.
Timing Diagram
Data Format
See Figure 4.
Figure 4. Data Format
"1"
"0"
Frequency: 500Hz, Duty Cycle: 3/4
Frequency: 500Hz, Duty Cycle: 1/4
Coding Method
Each trigger pin is triggered by corresponding bit of data in
format of “1”. The data string is 16-bit and divided to four
segments, i.e., Start Code, Data Code, Parity Code and End
code, where
Start Code = 11110.
Data Code = F
B
T R L F1 F3 F4 F2
F = Forward
B = Backward
T = Turbo
R = Right
L = Left
F1= Function 1
F2 = Function 2
F3 = Function 3
F4 = Function4
Parity Code = Even parity check result
End Code is for data latch.
Data code can be any combination of F, B, T, R, L, F1, F2, F3
and F4 except F&B and R&L.
P
0
7
9
A
8
T
P
o
t
t
u
p
n
IP
0
7
9
A
8
T
P
o
t
t
u
p
n
I
P
0
7
9
A
8
T
P
o
t
t
u
p
n
I
P
0
7
9
A
8
T
P
o
t
t
u
p
n
IP
0
7
9
A
8
T
P
o
t
t
u
p
n
I
P
L
4
7
9
/
P
4
7
9
A
8
T
P
m
o
r
f
t
u
p
t
u
OP
L
4
7
9
/
P
4
7
9
A
8
T
P
m
o
r
f
t
u
p
t
u
O
P
L
4
7
9
/
P
4
7
9
A
8
T
P
m
o
r
f
t
u
p
t
u
O
P
L
4
7
9
/
P
4
7
9
A
8
T
P
m
o
r
f
t
u
p
t
u
OP
L
4
7
9
/
P
4
7
9
A
8
T
P
m
o
r
f
t
u
p
t
u
O
d
r
a
w
r
o
Fd
r
a
w
k
c
a
Bo
b
r
u
T
d
r
a
w
r
o
Fz
H
0
6w
o
Lw
o
L
d
r
a
w
k
c
a
Bw
o
Lz
H
0
6w
o
L
o
b
r
u
T
+
d
r
a
w
r
o
Fh
g
i
Hw
o
Lh
g
i
H
o
b
r
u
T
+
d
r
a
w
k
c
a
Bw
o
Lh
g
i
Hh
g
i
H
Table 3


Similar Part No. - PT8A9701P

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A9701 PERICOM-PT8A9701 Datasheet
75Kb / 13P
   7-Function Remote Controller
More results

Similar Description - PT8A9701P

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com