Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A973 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT8A973
Description  7-Function Remote Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A973 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT8A973 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT8A973 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
PT8A9701/973/973L
7-Function Remote Controller
PT0089(09/02)
Ver:2
9
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
m
y
Sm
y
S m
y
S m
y
Sm
y
Sn
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
I
H
O
-
t
n
e
r
r
u
C
H
G
I
H
t
u
p
t
u
O
s
n
i
P
O
C
S
O
d
n
a
2
O
V
,
1
O
V
V
H
O
V
=
C
C
V
5
.
0
-
0
0
30
0
8A
u
-
t
n
e
r
r
u
C
H
G
I
H
t
u
p
t
u
O
d
n
a
t
f
e
L
,
d
r
a
w
k
c
a
B
,
d
r
a
w
r
o
F
s
n
i
P
t
h
g
i
R
3
-
A
m
-
t
n
e
r
r
u
C
H
G
I
H
t
u
p
t
u
O
s
n
i
P
2
F
d
n
a
1
F
,
o
b
r
u
T
3
-
I
L
O
-
t
n
e
r
r
u
C
W
O
L
t
u
p
t
u
O
s
n
i
P
O
C
S
O
d
n
a
2
O
V
,
1
O
V
V
L
O
V
5
.
0
=
0
0
20
0
0
1A
u
-
t
n
e
r
r
u
C
W
O
L
t
u
p
t
u
O
t
h
g
i
R
,
t
f
e
L
,
d
r
a
w
k
c
a
B
,
d
r
a
w
r
o
F
s
n
i
P
o
b
r
u
T
d
n
a
23
A
m
-
t
n
e
r
r
u
C
W
O
L
t
u
p
t
u
O
s
n
i
P
2
F
d
n
a
1
F
23
I
H
I
,
I
C
S
O
-
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
s
n
i
P
I
S
d
n
a
D
T
R
L
,
2
I
V
,
1
I
V
V
N
I
V
=
C
C
0
1A
u
1
T
V
-
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
0
5A
u
I
L
I
,
I
C
S
O
-
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I
s
n
i
P
I
S
d
n
a
2
I
V
,
1
I
V
,
1
T
V
V
N
I
V
0
=
0
1
-A
u
D
T
R
L
-
t
n
e
r
r
u
C
W
O
L
t
u
p
n
I
s
n
i
P
0
5
-A
u
T
V
-
t
i
m
i
L
t
n
e
r
r
u
C
-
r
e
v
O
P
3
7
9
A
8
T
P
r
o
f
s
n
i
P
1
T
V
0
3
.
00
4
.
0V
-
t
i
m
i
L
t
n
e
r
r
u
C
-
r
e
v
O
P
L
3
7
9
A
8
T
P
r
o
f
s
n
i
P
1
T
V
5
2
.
05
3
.
0V
V
Z
P
3
7
9
A
8
T
P
-
r
e
n
n
e
Z
f
o
e
g
a
t
l
o
V
I
Z
A
m
0
3
~
2
=
4
.
37
.
34
V
P
L
3
7
9
A
8
T
P
-
r
e
n
n
e
Z
f
o
e
g
a
t
l
o
V8
.
21
.
34
.
3V
Table 6. DC Electrical Characteristics of PT8A973/973L
Note: These specifications apply for T
A = 25°C,VCC = 3.5V (973), VCC = 3.0V (973L),unless otherwise specified.


Similar Part No. - PT8A973

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A9701P PERICOM-PT8A9701P Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
PT8A972AP ETC1-PT8A972AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A974L PERICOM-PT8A974L Datasheet
70Kb / 12P
   8-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
More results

Similar Description - PT8A973

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
   5-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
   10-Function Remote Controller
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
   REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
AAEON Technology
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
   Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
   PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
   Supports Remote Display Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com