Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES3890FF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES3890FF
Description  Video CD Processor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES3890FF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES3890FF Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3890FF Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3890FF Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3890FF Datasheet HTML 4Page - List of Unclassifed Manufacturers ES3890FF Datasheet HTML 5Page - List of Unclassifed Manufacturers ES3890FF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESS Technology, Inc.
SAM0487-031704
1
ESS Technology, Inc.
ES3890
6ISBA Video CD Processor
Product Brief
DESCRIPTION
The
6ISBA® ES3890 single-chip Video CD (VCD)
processor is the latest innovation of ESS’s family of VCD
chips for VCD players. The
6ISBA ES3890 is based on
the ESS Programmable Multimedia Processor (PMP)
architecture consisting of a 32-bit video controller and a
64-bit video processor and it integrates the TV-encoder,
thus eliminating the need for a VCD companion chip.
The ES3890 integrates an audio ADC for microphone
inputs, two video DACs for Composite and S-video
outputs, and digital echo circuitry. With
6ISBA, VCD
player design and board layout become simpler, the VCD
system cost is much reduced, and it offers a very flexible
design configuration for 512 kB or 2 MB system RAM.
The ES3890 performs all of the functions such as video
filtering, NTSC/PAL conversion, audio and video error
con c ealme nt, a n d pictu r e zo om in/ o ut up t o 4x
magnification. It supports On-Screen-Display (OSD) with
4 colors in 8 degrees of transparency, Karaoke, and VCD
2.0 Playback Control (PBC).
Features in the
6ISBA ES3890 solution include: a 7-band
audio graphic equalizer display with five pre-configured
settings and environment effects, Karaoke voice recording
for sing-along, and Karaoke scoring.
The ES3890 also offers the ESS SmartBright™ movie
brightness feature, the ESS SmartColor™ color balancing
feature, as well as the Kodak® Picture CD and Fujicolor®
CD JPEG photo viewing features.
The ESS SmartBright™ feature allows the brightness level
of VCD movies being played back to be adjusted in real
time while the ESS SmartColor feature allows the skin
color of JPEG photos being viewed to be enhanced. Other
features found with the ES3890 include support for CD+G
Karaoke, CD-Text, and Windows™ Media Audio (WMA)
decoding and playback.
The ES3890 is available in an industry-standard 128-pin
Plastic Quad Flat Pack (PQFP) device package.
FEATURES
ESS proprietary dual CPU PMP core.
Integrated TV-encoder.
VCD 1.1 and 2.0 compatible.
Composite or S-video output.
CCIR601 non-square operation.
NTSC/PAL formats.
Video error concealment.
SmartBright feature for adjusting brightness of movies
during playback.
Video scaling and X- and Y-axis interpolation.
Motion pan and zoom to 4X magnification.
Video CD 2.0 Playback Control.
JPEG photos decoding and playback.
Kodak Picture CD and Fujicolor CD JPEG image viewing.
SmartColor feature for adjusting skin color of JPEG
photos during viewing.
Trick mode functions.
Dual microphones inputs.
7-band audio graphic equalizer.
Programmable master clock for external audio DAC.
Digital echo up to 168 ms delay.
Karaoke voice recording.
Karaoke scoring.
CD+G Karaoke.
Karaoke and subtitle functions.
MP3 audio playback.
CD-DA with CD-Text.
Vocal reverb simulates a theater acoustic environment.
Windows Media Audio decoding.
Flexible design for 512 kB or 2 MB memory.
Direct servo control.
Remote control interface for power standby on/off.
4-bit On-Screen Display controller with 3-bit blending
supports 4 colors in 8 degrees of transparency.
Power management.
Optional lead-free leads using 98%-Sn/2%-Cu or 98%-
Sn/2%-Bi with ES3890FF.


Similar Part No. - ES3890FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
More results

Similar Description - ES3890FF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES3880 ETC-ES3880 Datasheet
63Kb / 4P
   Video CD MPEG Processor
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
   Video signal processor for CD-video/laser vision
September 1990
logo
Sanyo Semicon Device
LC74201E SANYO-LC74201E Datasheet
246Kb / 21P
   Video CD Decoder
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
   CD SINGLE-CHIP PROCESSOR
logo
Sony Corporation
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com