Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48A3V3E24BN Datasheet(PDF) 6 Page - Vicor Corporation

Part # V48A3V3E24BN
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A3V3E24BN Datasheet(HTML) 6 Page - Vicor Corporation

  V48A3V3E24BN Datasheet HTML 1Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 2Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 3Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 4Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 5Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 6Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 7Page - Vicor Corporation V48A3V3E24BN Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
Figure 9—DC coupled single-wire interface.
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
R1
4
2
7
6
Load
LM10
+Out
SC
–Out
R2
R3
1
3
8
1.05K
Ω
200
Ω
R4
1.2K
Ω
+Out
SC
–Out
+Out
SC
–Out
+Out
SC
–Out
L
O
A
D
Plane
Ground
Plane
• The +Out and –Out
power buses should be
designed to minimize
and balance parasitic
impedance from each
module output to the
load.
• At the discretion of the
power system designer,
a subset of all modules
within an array may be
configured as slaves by
shorting SC to –Out.
• Do not use output
OR’ing diodes with
MicroMods.
• This module is designed for point of load regulation, where remote sensing
is not required. Active voltage drop compensator, as shown here, may be
used in applications with significant distribution losses. Details of this circuit
are available in the design guide.
Figure 12—Voltage drop compensation.
Figure 11—N+1 module array output connections.
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting – RoHS compliant
N
Long ModuMate
On-board socket mounting – RoHS compliant
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V375A24C600BN — Long ModuMate Pins


Similar Part No. - V48A3V3E24BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A3V3E24BN VICOR-V48A3V3E24BN Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A3V3E24BN1 VICOR-V48A3V3E24BN1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A3V3E24BN2 VICOR-V48A3V3E24BN2 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
More results

Similar Description - V48A3V3E24BN

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com