Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375B15E24BL2 Datasheet(PDF) 2 Page - Vicor Corporation

Part # V375B15E24BL2
Description  FasTrak Mini E-Grade Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B15E24BL2 Datasheet(HTML) 2 Page - Vicor Corporation

  V375B15E24BL2 Datasheet HTML 1Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 2Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 3Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 4Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 5Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 6Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 7Page - Vicor Corporation V375B15E24BL2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Surge Withstand
Unit
Notes
Input voltage
24 Vin
18
24
36
50
Vdc
<100 ms surge withstand
48 Vin
36
48
75
100
Vdc
300 Vin
180
300
375
400
Vdc
375 Vin
250
375
425
500
Vdc
Output voltage setpoint
±1
%
Nominal input; full load; 25°C
Parameter
Min
Typ
Max
Unit
Notes
Line regulation
±0.5
%
Low line to high line; full load
Temperature regulation
±0.005
% / °C
Over operating temperature range
Power sharing accuracy
± 5
%
10 to 100% of full load
Programming range
10
110
%
Of nominal output voltage. For trimming below
90% of nominal, a minimum load of 10% of
maximum rated power may be required.
Parameter
24 Vin
48 Vin
300 Vin
375 Vin
Units
Notes
Undervoltage turn-on
17.5
34.9
175
243
Vdc
Typical value
Undervoltage turn-off
15.3
30.5
153
212
Vdc
Typical value
Overvoltage turn-off/on
37.8
78.8
N/A
446
Vdc
Typical value
MODULE OPERATING SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS
Parameter
3.3V
5V
12V
15V
24V
28V
48V
Unit
Notes
Efficiency (typ.)
80.0
83.5
85.5
87.0
88.0
89.0
90.0
%
Nominal input; 80% load; 25°C
Ripple and noise, p-p (typ.)
60
70
130
90
80
65
50
mV
Nominal input; full load;
25°C; 20 MHz BW
Output OVP setpoint (nom.)
4.3
6.3
14.3
17.8
28.1
32.7
55.7
Volts
25°C; recycle input voltage to
restart ( 1 minute off )
Dissipation, standby (typ.)
5.6
6.2
8.0
8.0
6.0
7.4
8.5
Watts
No load; nominal input
Load regulation (max.)
0.5
0.5
0.5
0.5
0.5
0.5
0.5
±% Vout
No load to full load; nominal input
Current limit (typ.)
125
125
125
125
125
125
125
% Iout
Output voltage 95% of nominal
Short circuit current (typ.)
125
125
125
125
125
125
125
% Iout
Output voltage <250 mV
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Note: 300 Vin models do not have overvoltage turn-off.


Similar Part No. - V375B15E24BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B15E24BL2 VICOR-V375B15E24BL2 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V375B15E24BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24C5E24BL1 VICOR-V24C5E24BL1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Molex Electronics Ltd.
0457501212 MOLEX11-0457501212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIERW
0457503211 MOLEX11-0457503211 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
0457503212 MOLEX11-0457503212 Datasheet
575Kb / 1P
   MINI-FIT FAMILY OVERVIEW
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
MB966 ETC2-MB966 Datasheet
485Kb / 1P
   1x Mini PCI-E slot (mSATA compatible)
logo
Vicor Corporation
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com