Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L2923BTN-LB3 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M368L2923BTN-LB3
Description  DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L2923BTN-LB3 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M368L2923BTN-LB3 Datasheet HTML 5Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 6Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 7Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 8Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 9Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 10Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 11Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 12Page - Samsung semiconductor M368L2923BTN-LB3 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered DIMM
Rev. 1.1 June 2005
(Populated as 2 bank of x8 DDR SDRAM Module)
6.4 1GB, 128M x 64 Non ECC Module (M368L2923BT(U))
CS0
DQS0
DM0
DM/
CS
DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
D0
DQS1
DM1
DM/
CS
DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
D1
DQS2
DM2
DM/
CS
DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
D2
DQS3
DM3
DM/
CS
DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
D3
DQS4
DM4
DM/
CS
DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
D4
DQS5
DM5
DM/
CS
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
D5
DQS6
DM6
DM/
CS
DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
D6
DQS7
DM7
DM/
CS
DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
D7
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 5
I/O 6
I/O 1
I/O 0
I/O 7
I/O 4
I/O 3
I/O 2
I/O 5
I/O 4
I/O 1
I/O 0
I/O 7
I/O 6
I/O 3
I/O 2
I/O 5
I/O 6
I/O 1
I/O 0
I/O 7
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 2
I/O 5
I/O 4
I/O 3
I/O 0
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 2
I/O 5
I/O 4
I/O 3
I/O 0
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
DM/
CS
DQS
D8
DM/
CS
DQS
D9
DM/
CS
DQS
D10
DM/
CS
DQS
D11
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM/
CS
DQS
D12
DM/
CS
DQS
D13
DM/
CS
DQS
D14
DM/
CS
DQS
D15
CS1
I/O 2
I/O 1
I/O 6
I/O 7
I/O 0
I/O 3
I/O 4
I/O 5
I/O 2
I/O 3
I/O 6
I/O 7
I/O 0
I/O 1
I/O 4
I/O 5
I/O 2
I/O 1
I/O 6
I/O 7
I/O 0
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 5
I/O 2
I/O 3
I/O 4
I/O 7
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 6
I/O 5
I/O 2
I/O 3
I/O 4
I/O 7
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
A0 - A12
A0-A12: DDR SDRAMs D0 - D15
RAS
RAS : DDR SDRAMs D0 - D15
CAS
CAS : DDR SDRAMs D0 - D15
WE
WE : DDR SDRAMs D0 - D15
BA0 - BA1
BA0-BA1 : DDR SDRAMs D0 - D15
VSS
D0 - D15
VDD/VDDQ
D0 - D15
D0 - D15
VREF
VDDSPD
SPD
D0 - D15
*Clock Net Wiring
* Clock Wiring
Clock
Input
DDR SDRAMs
*CK0/CK0
*CK1/CK1
*CK2/CK2
4 DDR SDRAMs
6 DDR SDRAMs
6 DDR SDRAMs
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
Card
Edge
D3/D0/D5
D11/D8/D13
Cap/D1/D6
Cap/D9/D14
D4/D2/D7
D12/D10/D15
R=120
CK0/1/2
*
*
CKE 0/1
CKE : DDR SDRAMs D0 - D15
CK0/1/2
Notes :
1. DQ-to-I/O wiring is shown as recommended
but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be
maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms + 5%.
4. BAx, Ax, RAS, CAS, WE resistors: 3 Ohms +
5%


Similar Part No. - M368L2923BTN-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L2923CUN-CLCC SAMSUNG-M368L2923CUN-CLCC Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
M368L2923DUN SAMSUNG-M368L2923DUN Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M368L2923DUN-CB3 SAMSUNG-M368L2923DUN-CB3 Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M368L2923DUN-CCC SAMSUNG-M368L2923DUN-CCC Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M368L2923DUN-LB3 SAMSUNG-M368L2923DUN-LB3 Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M368L2923BTN-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com