Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV165PW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV165PW
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV165PW Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV165PW Datasheet HTML 1Page - Texas Instruments SN74LV165PW Datasheet HTML 2Page - Texas Instruments SN74LV165PW Datasheet HTML 3Page - Texas Instruments SN74LV165PW Datasheet HTML 4Page - Texas Instruments SN74LV165PW Datasheet HTML 5Page - Texas Instruments SN74LV165PW Datasheet HTML 6Page - Texas Instruments SN74LV165PW Datasheet HTML 7Page - Texas Instruments SN74LV165PW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54LV165, SN74LV165
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SCES007B – MARCH 1995 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
SN74LV165
VCC = 5.5 V
± 0.5 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
50
0
40
0
30
MHz
t
Pulse duration
CLK high or low
14
18
22
ns
tw
Pulse duration
SH/LD low
14
18
22
ns
SH/LD high before CLK
10
13
17
t
Setup time
SER before CLK
8
11
14
ns
tsu
Setup time
CLK INH before CLK
10
12
15
ns
Data before SH/LD
8
12
17
th
Hold time
SER data after CLK
6
6
5
ns
th
Hold time
Parallel data after SH/LD
6
6
5
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV165
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5.5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
fmax
50
90
40
75
30
MHz
CLK
20
24
20
38
47
tpd
SH/LD
QH or QH
19
24
19
36
44
ns
H
15
20
15
29
36
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LV165
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5.5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
fmax
50
90
40
75
30
MHz
CLK
20
24
20
38
47
tpd
SH/LD
QH or QH
19
24
19
36
44
ns
H
15
20
15
29
36
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL =50 pF
f=10MHz
3.3 V
33
pF
Cpd
Power dissi ation ca acitance
CL = 50 F,
f = 10 MHz
5 V
57
F
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV165PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV165A TI-SN74LV165A Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
600Kb / 20P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
2Mb / 41P
[Old version datasheet]   SN74LV165A Parallel-Load 8-Bit Shift Registers
REVISED JUNE 2022
More results

Similar Description - SN74LV165PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com