Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-51505NFJ-SLG-AB Datasheet(PDF) 3 Page - OPTREX CORPORATION

Part # C-51505NFJ-SLG-AB
Description  LCD Module Technical Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

C-51505NFJ-SLG-AB Datasheet(HTML) 3 Page - OPTREX CORPORATION

  C-51505NFJ-SLG-AB Datasheet HTML 1Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 2Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 3Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 4Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 5Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 6Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 7Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 8Page - OPTREX CORPORATION C-51505NFJ-SLG-AB Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
C-51505NFJ-SLG-AB (AB) No. 2002-0175
OPTREX CORPORATION
Page 3/18
2.Electrical Specifications
2.1.Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
-
-0.3
7.0
V
Supply Voltage
(LCD Drive)
VCC-VEE
-
-0.3
13.5
V
Input Voltage
VI
-
-0.3
VCC+0.3
V
2.2.DC Characteristics
Ta=25
°C, VCC=5V, VSS=VEE=0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
-
4.5
-
5.5
V
Supply Voltage
(LCD Drive)
VCC-VEE
Shown in 3.1
V
High Level
Input Voltage
VIH
-
2.2
-
VCC
V
Low Level
Input Voltage
VIL
-
-0.3
-
0.8
V
High Level
Output Voltage
VOH
IOH=-0.25mA
2.4
-
-
V
Low Level
Output Voltage
VOL
IOL=1.2mA
-
-
0.4
V
Supply Current
ICC
VCC-VSS=5.3V
-
2.0
3.0
mA
All voltage values are referenced to VSS =0V
V1 to V5 must maintain VDD
≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥V5.


Similar Part No. - C-51505NFJ-SLG-AB

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
C-51505NFJ-SLW-AC OPTREX-C-51505NFJ-SLW-AC Datasheet
80Kb / 18P
   LCD Module Technical Specification
More results

Similar Description - C-51505NFJ-SLG-AB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
T-55343GD035JU-LW-ADN OPTREX-T-55343GD035JU-LW-ADN Datasheet
1Mb / 33P
   LCD MODULE TECHNICAL SPECIFICATION
T-55265GD057J-LW-ADN OPTREX-T-55265GD057J-LW-ADN Datasheet
790Kb / 28P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-LW-AQN KSS-T-51750GD065J-LW-AQN Datasheet
838Kb / 2P
   LCD Module Technical Specification
F-51553GNBJ-LW-AFN KSS-F-51553GNBJ-LW-AFN Datasheet
736Kb / 31P
   LCD Module Technical Specification
F-55472GNFQJ-LG-ADN KSS-F-55472GNFQJ-LG-ADN Datasheet
1Mb / 31P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51863D150J ETC2-T-51863D150J Datasheet
2Mb / 39P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
DMC-50747NF-AK OPTREX-DMC-50747NF-AK Datasheet
102Kb / 17P
   LCD Module Technical Specification
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com