Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2621 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STS2621
Description  Dual P -Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2621 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STS2621 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S T S 2621
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =-1.25A
-0.85 -1.2
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Temperature
F igure 3. C apacitance
-V DS , Drain-to S ource Voltage (V )
-V GS , G ate-to-S ource Voltage (V )
-V DS , Drain-to-S ource Voltage (V )
a.Surface Mounted on FR 4 Board, t 10sec.
5
0
5
10
15
20
25
30
C iss
C oss
500
400
300
200
100
0
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
-V GS =6V
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
T j( C )
-25
25
75
V GS =-4.5V
ID=-2.0A
C rss
25 C
15
12
9
6
3
0
0.0
0.8
1.6
2.4
3.2
4.0
T j=125 C
-55 C
-V GS =2V
-V GS =3V
4.8
-V GS =4V
-V GS =4.5V
T j, J unction T emperature ( C )
-V GS =10V


Similar Part No. - STS2621

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2621 VBSEMI-STS2621 Datasheet
524Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - STS2621

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com