Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS2621 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STS2621
Description  Dual P -Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS2621 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STS2621 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS2621 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
5
INVE R TE D
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
5
S T S 2621
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
Single Pulse
on
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
th
th
th
0.01
0.02
0.5
0.2
0.1
0.05


Similar Part No. - STS2621

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS2621 VBSEMI-STS2621 Datasheet
524Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - STS2621

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com