Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EG57-MJ000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-EG57-MJ000
Description  T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EG57-MJ000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-EG57-MJ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EG57-MJ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EG57-MJ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EG57-MJ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EG57-MJ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EG57-MJ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
VIF = 20 mA
Amber (
λ
d = 590 nm)
2.02
2.4
Amber (
λ
d = 592 nm)
2.15
2.4
Red-Orange (
λ
d = 615 nm)
1.94
2.4
Red-Orange (
λ
d = 617 nm)
2.08
2.4
Red (
λ
d = 626 nm)
1.90
2.4
Red (
λ
d = 630 nm)
2.00
2.4
Reverse Voltage
VR
520
V
IR = 100 µA
Peak Wavelength
λ
PEAK
nm
Peak of Wavelength of
Amber (
λ
d = 590 nm)
592
Spectral Distribution
Amber (
λ
d = 592 nm)
594
at IF = 20 mA
Red-Orange (
λ
d = 615 nm)
621
Red-Orange (
λ
d = 617 nm)
623
Red (
λ
d = 626 nm)
635
Red (
λ
d = 630 nm)
639
Spectral Halfwidth
∆λ
1/2
17
nm
Wavelength Width at
Spectral Distribution
1/2 Power Point at
IF = 20 mA
Speed of Response
τ
s
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
R
θ
J-PIN
240
°C/W
LED Junction-to-Cathode
Lead
Luminous Efficacy[1]
η
v
lm/W
Emitted Luminous
Amber (
λ
d = 590 nm)
480
Power/Emitted Radiant
Amber (
λ
d = 592 nm)
500
Power
Red-Orange (
λ
d = 615 nm)
260
Red-Orange (
λ
d = 617 nm)
235
Red (
λ
d = 626 nm)
150
Red (
λ
d = 630 nm)
155
Note:
1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ..................................................................50 mA
Peak Pulsed Forward Current[2,3] ................................................. 100 mA
Average Forward Current[3] ............................................................. 30 mA
Reverse Voltage (IR = 100 µA) ................................................................ 5 V
LED Junction Temperature .............................................................. 130
° C
Operating Temperature .................................................. –40
° C to +100° C
Storage Temperature ...................................................... –40
° C to +120° C
Through-the-Wave Solder Temperature ................ 250
° C for 3 seconds
[1.59 mm (0.060 in.) below body]
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term performance with minimal light output degradation, drive currents
between 10 mA and 30 mA are recommended. For more information on recommended
drive conditions, please refer to Application Brief I-024 (5966-3087E).
3. Please contact your Agilent Technologies sales representative about operating currents
below 10 mA.


Similar Part No. - HLMP-EG57-MJ000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG55 AVAGO-HLMP-EG55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EG55-G1000 BOARDCOM-HLMP-EG55-G1000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-G10DD BOARDCOM-HLMP-EG55-G10DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-G2000 BOARDCOM-HLMP-EG55-G2000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-G20DD BOARDCOM-HLMP-EG55-G20DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results

Similar Description - HLMP-EG57-MJ000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com